Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX919B Datasheet(PDF) 43 Page - CML Microcircuits

Part # FX919B
Description  Excellent Radio Fading Performance
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919B Datasheet(HTML) 43 Page - CML Microcircuits

Back Button FX919B Datasheet HTML 39Page - CML Microcircuits FX919B Datasheet HTML 40Page - CML Microcircuits FX919B Datasheet HTML 41Page - CML Microcircuits FX919B Datasheet HTML 42Page - CML Microcircuits FX919B Datasheet HTML 43Page - CML Microcircuits FX919B Datasheet HTML 44Page - CML Microcircuits FX919B Datasheet HTML 45Page - CML Microcircuits FX919B Datasheet HTML 46Page - CML Microcircuits FX919B Datasheet HTML 47Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
4-Level FSK Modem Data Pump
FX919B
© 1997 Consumer Microcircuits Limited
43
D/919B/1
Notes
Min.
Typ.
Max.
Units
µµC Parallel Interface Timings (ref. Figure 23)
tACSL
Address valid to CSN low time
0
ns
tAH
Address hold time
0
ns
tCSH
CSN hold time
0
ns
tCSHI
CSN high time
10
6
clock cycles
tCSRWL
CSN to WRN or RDN low time
0
ns
tDHR
Read data hold time
0
ns
tDHW
Write data hold time
0
ns
tDSW
Write data setup time
90
ns
tRHCSL
RDN high to CSN low time (write)
0
ns
tRACL
Read access time from CSN low
11
175
ns
tRARL
Read access time from RDN low
11
145
ns
tRL
RDN low time
200
ns
tRX
RDN high to D0-D7 3-state time
50
ns
tWHCSL
WRN high to CSN low time (read)
0
ns
tWL
WRN low time
200
ns
Notes:
10. Xtal/Clock cycles at the XTAL/CLOCK pin.
11. With 30pF max to VSS on D0 - D7 pins.
Figure 23
µµC Parallel Interface Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com