Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FX919B Datasheet(PDF) 17 Page - CML Microcircuits

Part # FX919B
Description  Excellent Radio Fading Performance
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919B Datasheet(HTML) 17 Page - CML Microcircuits

Back Button FX919B Datasheet HTML 13Page - CML Microcircuits FX919B Datasheet HTML 14Page - CML Microcircuits FX919B Datasheet HTML 15Page - CML Microcircuits FX919B Datasheet HTML 16Page - CML Microcircuits FX919B Datasheet HTML 17Page - CML Microcircuits FX919B Datasheet HTML 18Page - CML Microcircuits FX919B Datasheet HTML 19Page - CML Microcircuits FX919B Datasheet HTML 20Page - CML Microcircuits FX919B Datasheet HTML 21Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
4-Level FSK Modem Data Pump
FX919B
© 1997 Consumer Microcircuits Limited
17
D/919B/1
FX919B Modem Tasks:
B2
B1
B0
Receive Mode
Transmit Mode
0
0
0
NULL
NULL
0
0
1
SFSH
Search for FS + Header
T24S
Transmit 24 symbols
0
1
0
RHB
Read Header Block
THB
Transmit Header Block
0
1
1
RILB
Read Intermediate or Last
Block
TIB
Transmit Intermediate Block
1
0
0
SFS
Search for Frame Sync
TLB
Transmit Last Block
1
0
1
R4S
Read 4 symbols
T4S
Transmit 4 symbols
1
1
0
NULL
NULL
1
1
1
RESET
Cancel any current action
RESET
Cancel any current action
NULL: No effect
This 'task' is provided so that a AQSC or AQLEV command can be initiated without loading a new task.
SFSH: Search for Frame Sync plus Header Block
This task causes the modem to search the received signal for a valid 24-symbol Frame Sync sequence
followed by Header Block which has a correct CRC1 checksum.
The task continues until a valid Frame Sync plus Header Block has been found.
The search consists of two stages:
First of all the modem will attempt to match the incoming symbols against the 24-symbol
Frame
Synchronisation pattern to within the tolerance defined by the FSTOL bits of the Control Register.
Once a match has been found, the modem will read in the next 66 symbols as if they were a 'Header'
block, decoding the symbols and checking the CRC1 checksum. If this is incorrect, the modem will
resume the search, looking for a fresh Frame Sync pattern.
If the received CRC1 is correct, the 10 decoded data bytes will be placed into the Data Block Buffer,
the BFREE and IRQ bits of the Status Register will be set to '1' and the CRCERR bit cleared to '0'.
On detecting that the BFREE bit of the Status Register has gone to '1', the µC should read the 10 bytes from
the Data Block Buffer then write the next task to the modem's Command Register.
RHB: Read Header Block
This task causes the modem to read the next 66 symbols as a 'Header' Block, decoding them, placing the
resulting 10 data bytes and the 2 received CRC1 bytes into the Data Block Buffer, and setting the BFREE and
IRQ bits of the Status Register to '1' when the task is complete to indicate that the µC may read the data from
the Data Block Buffer and write the next task to the modem's Command Register.
The CRCERR bit of the Status Register will be set to '1' or '0' depending on the validity of the received CRC1
checksum bytes.
RILB: Read 'Intermediate' or 'Last' Block
This task causes the modem to read the next 66 symbols as an 'Intermediate' or 'Last' block (the µC should be
able to tell from the 'Header' block how many blocks are in the frame, and hence when to expect the 'Last'
block).
In each case, it will decode the 66 symbols and place the resulting 12 bytes into the Data Block Buffer, setting
the BFREE and IRQ bits of the Status Register to '1' when the task is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com