Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7764ASM Datasheet(PDF) 5 Page - International Rectifier

Part # OM7764ASM
Description  Dropout Voltage of 400mV at Full Load
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7764ASM Datasheet(HTML) 5 Page - International Rectifier

  OM7764ASM Datasheet HTML 1Page - International Rectifier OM7764ASM Datasheet HTML 2Page - International Rectifier OM7764ASM Datasheet HTML 3Page - International Rectifier OM7764ASM Datasheet HTML 4Page - International Rectifier OM7764ASM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.irf.com
5
OM7764ASM
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR LEOMINSTER: 205 Crawford St., Leominster, Massachusetts 01453, Tel: (978) 534-5776
Data and specifications subject to change without notice.10/2006
Case Outline and Dimensions
— SMD-6
Part Numbering Nomenclature
Pin Assignment
Pin #
Pin Description
1
INPUT
2
GROUND
3OUTPUT
4
ADJUST
5N/C
6SHUTDOWN
OM 7764A S
M
M
Device Number
Isolated / Non-Isolated
S = Isolated
Screening
M = MIL-PRF-38535
Package Code
M = SMD-6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com