Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM7764ASM Datasheet(PDF) 1 Page - International Rectifier

Part # OM7764ASM
Description  Dropout Voltage of 400mV at Full Load
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7764ASM Datasheet(HTML) 1 Page - International Rectifier

  OM7764ASM Datasheet HTML 1Page - International Rectifier OM7764ASM Datasheet HTML 2Page - International Rectifier OM7764ASM Datasheet HTML 3Page - International Rectifier OM7764ASM Datasheet HTML 4Page - International Rectifier OM7764ASM Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Low Dropout, 3.0A
Adjustable Positive Linear Regulator
5962 - 0323801MXA
Surface Mount (SMD-6)
www.irf.com
1
10/25/06
SMD-6
OM7764ASM
Description
Features:
n Dropout Voltage of 400mV at Full Load
n Wide Input Range: 2.7V to 20V
n Low Noise: 40mVRMS ( 10Hz to 10KHz )
n Fast Transient Response
n No Protection Diodes needed
n Hermetic SMD-6 Package ensures
High Reliability
The OM7764ASM is a 3.0A, ultra low dropout,
adjustable linear regulator specifically designed for
low voltage, high current applications. Housed in a
hermetic package, the dropout of these devices is
400mV at full load. All protective features are
designed into the circuit including thermal shutdown,
current limiting and safe area control. These units are
ideally suited for military/defense, commercial aircraft,
industrial control and other harsh environments where
a hermetically sealed package is required.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Output Currrent
IO
3.0
A
Input Voltage
VIN
+20
V
Power Dissipation @ Tc = 25°C
PD
20
W
Thermal Resistance, Junction to Case
RθJC
5.0
°C/W
Operating Junction Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature Soldering (10second maximum)
TL
300
Product Summary
Part Number
Output Voltage
Current
Dropout
OM7764ASM
1.21V to 20V
3.0A
0.4V
PD - 94748A


Similar Part No. - OM7764ASM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
More results

Similar Description - OM7764ASM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1085 TI-LM1085 Datasheet
2Mb / 22P
The LM1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load current.
LM1117-N TI-LM1117-N Datasheet
2Mb / 32P
The LM1117-N is a series of low dropout voltage regulators with a dropout of 1.2V at 800mA of load current.
LP3875EMP-ADJ-NOPB TI-LP3875EMP-ADJ-NOPB Datasheet
1Mb / 20P
Ultra Low Dropout Voltage, Load Regulation of 0.06%
logo
Linear Technology
LT1129MPST-3.3 LINER-LT1129MPST-3.3 Datasheet
160Kb / 16P
400mV Dropout Voltage
logo
E-Tech Electronics LTD
GL1147-50 ETL-GL1147-50 Datasheet
229Kb / 3P
1.4Vmaximum dropout full load current
logo
Advanced Power Electron...
APE8800 A-POWER-APE8800_14 Datasheet
126Kb / 8P
Low Dropout Voltage of 250mV at 300mA
APE8800A A-POWER-APE8800A_14 Datasheet
158Kb / 7P
Low Dropout Voltage of 250mV at 300mA
APE8805 A-POWER-APE8805_14 Datasheet
398Kb / 10P
Low Dropout Voltage of 600mV at 600mA
logo
International Rectifier
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
logo
Shenzhen Huazhimei Semi...
AMS1117B HMSEMI-AMS1117B Datasheet
947Kb / 9P
series of low dropout three-terminal regulators with a dropout of 1.3V at 1A load current
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com