Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVN013PBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVN013PBF
Description  Extremely low off-state leakage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN013PBF Datasheet(HTML) 2 Page - International Rectifier

  PVN013PBF Datasheet HTML 1Page - International Rectifier PVN013PBF Datasheet HTML 2Page - International Rectifier PVN013PBF Datasheet HTML 3Page - International Rectifier PVN013PBF Datasheet HTML 4Page - International Rectifier PVN013PBF Datasheet HTML 5Page - International Rectifier PVN013PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Series PVN013PbF
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 12, 2015
Connection Diagrams
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength,
Input-Output
4000
VRMS
Minimum Insulation Resistance,
Input-Output, @TA=+25°C, 50%RH, 100VDC
1012
Maximum Capacitance,
Input-Output
1.0
pF
Maximum Pin Soldering Temperature
(10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±20
V(DCorACpeak)
Maximum Continuous Load Current
@ TA=+40°C, 5mAControl (see figure 1)
A Connection
2.5
A (DC or AC)
B Connection
3.0
A (DC)
C Connection
4.5
A (DC)
Maximum Pulsed Load Current
@TA=+25°C, (100 ms @ 10% duty cycle)
A Connection
6.0
A (DC or AC)
Maximum On-State Resistance
@TA=+25°C, for 1Apulsed load, 5mA Control (see figure 4)
A Connection
100
B Connection
65
m
C Connection
40
Maximum Off-State Leakage
@ TA=+25°C, ±16VDC
10
nA
Maximum Turn-On Time
@TA=+25°C (see figure 7), for 1A, 20 VDC load, 5mAControl
5.0
ms
Maximum Turn-Off Time
@TA=+25°C (see figure 7), for 1A, 20 VDC load, 5mAControl
0.5
ms
Maximum Output Capacitance
@ 20VDC (see figure 2)
300
pF
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current
(see figure 1)
3.0
mA
Maximum Control Current for Off-State Resistance
@ TA = +25°C
0.4
mA
Control Current Range
(Caution: current limit input LED, see figure 6)
3.0 to 25
mA
Maximum Reverse Voltage
6.0
V
Electrical Specifications (-40°C
≤ TA ≤ +85°C unless otherwise specified)
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com