Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVN013PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVN013PBF
Description  Extremely low off-state leakage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVN013PBF Datasheet(HTML) 1 Page - International Rectifier

  PVN013PBF Datasheet HTML 1Page - International Rectifier PVN013PBF Datasheet HTML 2Page - International Rectifier PVN013PBF Datasheet HTML 3Page - International Rectifier PVN013PBF Datasheet HTML 4Page - International Rectifier PVN013PBF Datasheet HTML 5Page - International Rectifier PVN013PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The PVN013 Series Photovoltaic Relay at 100
milliohms features the lowest possible on-state
resistance in a miniature package — lower than a
comparable reed relay.
The PVN013 is a single-pole, normally open solid-
state relay. It utilizes a GenerationV HEXFET output
switch, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch
is controlled by radiation from a GaAlAs light
emitting diode (LED) which is optically isolated from
the photovoltaic generator.
These units exceed the performance capabilities
of electromechanical relays in life, sensitivity, stable
on-resistance, low off-state leakage, miniaturization,
magnetic insensitivity and ruggedness. They are
ideally suited for switching high currents or low level
signals without distortion or injection of electrical
noise.
Series PVN013 Relays are packaged in a
6-lead molded DIP package with either thru-hole
or surface mount (gull-wing) terminals. They are
available in standard plastic shipping tubes or on
tape-and-reel. Please refer to part identification
information opposite.
Applications
Portable Electronics
Industrial Control
Computers and Peripheral Devices
Audio Equipment
Power Supplies and Power Distribution
Instrumentation
Part Identification
PVN013PbF
thru-hole
PVN013SPbF
surface-mount
PVN013S-TPbF
surface-mount, tape
and reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Features
100m
Ω On-Resistance
Extremely low off-state leakage
Bounce-free operation
2.5 - 4.5 Amp capacity
Linear AC/DC operation
4,000 V
RMS I/O isolation
Solid-State reliability
UL recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single-Pole, Normally-Open, 0-20V, 2.5A AC / 4.5A DC
Series PVN013PbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 12, 2015


Similar Part No. - PVN013PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
More results

Similar Description - PVN013PBF

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7200U-1A CEL-PS7200U-1A Datasheet
378Kb / 8P
NECs 4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch OPTICAL COUPLED MOS FET
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
Low Leakage Diode Low Leakage Diode Chip
logo
Naina Semiconductor ltd...
NP2502R NAINA-NP2502R Datasheet
135Kb / 2P
Low Leakage
logo
Shanghai Semitech Semic...
ESD5B SEMITECH-ESD5B Datasheet
86Kb / 3P
Low Leakage
SD03 SEMITECH-SD03 Datasheet
164Kb / 4P
Low Leakage
logo
Laird Tech Smart Techno...
S9026XR LSTD-S9026XR Datasheet
268Kb / 1P
Extremely low VSWR
logo
Vishay Siliconix
VS-20UT04 VISHAY-VS-20UT04 Datasheet
133Kb / 8P
Extremely low reverse leakage
03-Nov-11
logo
Willow Technologies Ltd
C63-10 WILLOW-C63-10 Datasheet
179Kb / 3P
Low off-state leakage
logo
Renesas Technology Corp
PS7200U-1A RENESAS-PS7200U-1A Datasheet
241Kb / 12P
4-PIN SOP LOW OFF-STATE LEAKAGE CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com