Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVR13NPBF Datasheet(PDF) 2 Page - International Rectifier

Part # PVR13NPBF
Description  Bounce-Free Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR13NPBF Datasheet(HTML) 2 Page - International Rectifier

  PVR13NPBF Datasheet HTML 1Page - International Rectifier PVR13NPBF Datasheet HTML 2Page - International Rectifier PVR13NPBF Datasheet HTML 3Page - International Rectifier PVR13NPBF Datasheet HTML 4Page - International Rectifier PVR13NPBF Datasheet HTML 5Page - International Rectifier PVR13NPBF Datasheet HTML 6Page - International Rectifier PVR13NPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series PVR13NPbF
2
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Electrical Specifications (-40
°C ≤ TA ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
Units
Dielectric Strength: Input-Output
1500
VRMS
Insulation Resistance: Input-Output @ 500VDC
1012
Ω
Maximum Capacitance: Input-Output
1.0
pF
Maximum Lead Soldering Temperature
(1.6mm below seating plane for 10 sec.)
260
°C
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
INPUT CHARACTERISTICS
Units
Minimum Control Current A Connection
(see figure 1)
DC
For 400 Continuous Load Current
2.0
mA@25°C
For 360 Continuous Load Current
5.0
mA@40°C
For 250 Continuous Load Current
5.0
mA@85°C
Minimum Turn-Off Current
10
µA(DC)
Minimum Turn-Off Voltage
0.6
V(DC)
Control Current Range
(Caution: current limit input LED. See figure 6)
2.0 to 25
mA(DC)
Maximum Reverse Voltage
6.0
V(DC)
OUTPUT CHARACTERISTICS
Units
Operating Voltage Range
±100
V(peak)
Maxiumum Load Current 40°C ILED = 5mA (see figure 1)
AC (A Connection)
360
mA (peak)
DC (B Connection)
420
mA(DC)
DC (C Connection)
660
mA(DC)
Response Time @25°C
(see figures 7 and 8)
Maximum T(on) @ 12mA Control, 100 mA Load, 100 VDC
150
µs
Maximum T(off) @ 12mA Control, 100 mA Load, 100 VDC
125
µs
Maximum On-state Resistance 25°C (Pulsed) (fig. 2) 50 mA Load, 5mA Control
AC (A Connection)
5
Ω
DC (B Connection)
3.0
Ω
DC (C Connection)
1.5
Ω
Minimum Off-state Resistance 25°C
@ 80 VDC PVR1300
108
Ω
@ 80 VDC PVR1301
1010
Ω
Maximum Thermal Offset Voltage @ 5.0mA Control
0.2
µvolts
Minimum Off-State dv/dt
1000
V/µs
Typical Output Capacitance
(see figure 9)
12
pF @ 50VDC
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com