Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVR13NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVR13NPBF
Description  Bounce-Free Operation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVR13NPBF Datasheet(HTML) 1 Page - International Rectifier

  PVR13NPBF Datasheet HTML 1Page - International Rectifier PVR13NPBF Datasheet HTML 2Page - International Rectifier PVR13NPBF Datasheet HTML 3Page - International Rectifier PVR13NPBF Datasheet HTML 4Page - International Rectifier PVR13NPBF Datasheet HTML 5Page - International Rectifier PVR13NPBF Datasheet HTML 6Page - International Rectifier PVR13NPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The PVR13 Series AC/DC Relay is a dual-pole,
normally open, solid-state replacement for
electromechanical relays used for general purpose
switching of analog signals. It utilizes International
Rectifier’s HEXFET power MOSFETs as the output
switches, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting
diode (LED), which is optically isolated from the
photovoltaic generator.
The PVR13 Series overcomes the limitations of both
conventional electromechanical and reed relays by
offering the solid state advantages of long life, fast
operating speed, low pick up power, bounce-free
operation, low thermal offset voltages and miniature
package. These advantages allow product
improvement and design innovations in many
applications such as process control, multiplexing,
automatic test equipment and data acquisition.
The PVR13 can switch analog signals from
thermocouple level to 100 Volts peak AC or DC
polarity. Signal frequencies into the RF range are
easily controlled and switching rates up to 450Hz
are achievable. The extremely small thermally
generated offset voltages allow increased
measurement accuracies.
These relays are packaged in 16-pin, molded DIP
packages and available with thru-hole leads, in
plastic shipping tubes.
Applications
Process Control
Data Acquisition
Test Equipment
Multiplexing and Scanning
Features
Bounce-Free Operation
1010 Off-State Resistance
1,000 V/
µsec dv/dt
0.2
µV Thermal Offset
5 mA Input Sensitivity
1,500 V
RMS I/O Isolation
Solid-State Reliability
Part Identification
PVR1300NPbF
PVR1301NPbF
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Dual-Pole, Normally-Open, 0-100V AC/DC, 360mA
Series PVR13NPbF


Similar Part No. - PVR13NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVR13NPBF IRF-PVR13NPBF Datasheet
93Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA
More results

Similar Description - PVR13NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
Bounce-Free Operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
Bounce-Free Operation
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
Bounce-Free Operation
PVDZ172NPBF IRF-PVDZ172NPBF_15 Datasheet
199Kb / 6P
Bounce-Free Operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
Bounce-free operation
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
Bounce-free operation
PVT322PBF IRF-PVT322PBF_15 Datasheet
423Kb / 6P
Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
Bounce-free operation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com