Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX780CENG Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX780CENG
Description  Dual-Slot PCMCIA Analog Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780CENG Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX780CENG Datasheet HTML 1Page - Maxim Integrated Products MAX780CENG Datasheet HTML 2Page - Maxim Integrated Products MAX780CENG Datasheet HTML 3Page - Maxim Integrated Products MAX780CENG Datasheet HTML 4Page - Maxim Integrated Products MAX780CENG Datasheet HTML 5Page - Maxim Integrated Products MAX780CENG Datasheet HTML 6Page - Maxim Integrated Products MAX780CENG Datasheet HTML 7Page - Maxim Integrated Products MAX780CENG Datasheet HTML 8Page - Maxim Integrated Products MAX780CENG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
_______________________________________________________________________________________
3
Dual-Slot PCMCIA Analog Power Controller
ELECTRICAL CHARACTERISTICS (continued)
(VCCIN = +5V, VPPIN = +12V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC SECTION
Logic Input Leakage Current
1
µA
Logic Input High
2.4
V
Logic Input Low
0.8
V
AGPI, BGPI Logic Output High
ILOAD = 1mA
VCCIN
VCCIN
-0.4
-0.2
V
AGPI, BGPI Logic Output Low
ILOAD = 1mA
0.06
0.4
V
TIMING CHARACTERISTICS - MAX780A and MAX780B only
(VCCIN = +3.3V or +5.0V, VPPIN = +12.0V, see Figure 4, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
WR Pulse Width
tLA
125
ns
_VPP_, _VCC_ Setup Time
tAS
100
ns
_VPP_, _VCC_ Hold Time
tAH
(Note 1)
0
ns
50
ns
_VCC_ to _DRV_ Propagation
Delay
Note 1: Guaranteed by design, not production tested.
AVPP SWITCHING
AVPP1 5V/div
AGPI
5V/div
+12.0V
5µs/div
C1 = C2 = 0V, AVPP0 = +5V, CIN = 10µF, CA = 0.1µF
__________________________________________Typical Operating Characteristics
AVCC SWITCHING
AVCC1 5V/div
+5V
0V
2ms/div
C1 = +5V, C2 = 0V, AVCC0 = +5V, M1 = M2 = 3055EL,
RLOAD = 130Ω, CC = 1µF
+3.3V
AVCC 1V/div
AVPP 200mV/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com