Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX780CENG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX780CENG
Description  Dual-Slot PCMCIA Analog Power Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX780CENG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX780CENG Datasheet HTML 2Page - Maxim Integrated Products MAX780CENG Datasheet HTML 3Page - Maxim Integrated Products MAX780CENG Datasheet HTML 4Page - Maxim Integrated Products MAX780CENG Datasheet HTML 5Page - Maxim Integrated Products MAX780CENG Datasheet HTML 6Page - Maxim Integrated Products MAX780CENG Datasheet HTML 7Page - Maxim Integrated Products MAX780CENG Datasheet HTML 8Page - Maxim Integrated Products MAX780CENG Datasheet HTML 9Page - Maxim Integrated Products MAX780CENG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Dual-Slot PCMCIA Analog Power Controller
6
_______________________________________________________________________________________
C1
AVPP1
AVPP0
AVPP
000
0V
0
0
1
VCCIN
0
1
0
VPPIN
0
1
1
High-Z
100
0V
101
0V
1
1
0
VCCIN
1
1
1
VPPIN
C1
BVPP1
BVPP0
BVPP
000
0V
0
0
1
VCCIN
0
1
0
VPPIN
0
1
1
High-Z
100
0V
101
0V
1
1
0
VCCIN
1
1
1
VPPIN
C1
AVCC1
AVCC0
ADRV3
ADRV5
0
0
0
0V
0V
0
0
1
Hi-Z
0V
0
1
0
0V
Hi-Z
0
1
1
0V
0V
1
0
0
0V
0V
1
0
1
0V
0V
1
1
0
0V
Hi-Z
1
1
1
Hi-Z
0V
C1
BVCC1
BVCC0
BDRV3
BDRV5
000
0V
0V
0
0
1
Hi-Z
0V
0
1
0
0V
Hi-Z
011
0V
0V
100
0V
0V
101
0V
0V
1
1
0
0V
Hi-Z
1
1
1
Hi-Z
0V
Table 1. AVPP Control Logic
Table 2. BVPP Control Logic
Table 3. ADRV3 and ADRV5 Control Logic
Table 4. BDRV3 and BDRV5 Control Logic
________________
Detailed Description
VPP Switching
All four versions (A, B, C, and D) of the MAX780 allow
simple switching of PCMCIA card VPP to 0V, 5V, and
12V. On-chip power MOSFETs connect AVPP and
BVPP to either GND, VCCIN, or VPPIN. The AVPP0
and AVPP1 control logic inputs determine the state of
AVPP. Likewise, BVPP0 and BVPP1 control BVPP.
To prevent VPP overshoot due to parasitic inductance
in the +12V supply, the VPPIN bypass capacitor (CIN)
should be 10 times greater than the capacitance from
AVPP (CA) or BVPP (CB) to GND. Hence, when CA
and CB are 0.1µF, CIN should be 1.0µF.
The
AGPI and BGPI status outputs signal when the VPP
lines are valid.
AGPI goes low when AVPP exceeds
11.05V;
BGPI goes low when BVPP exceeds 11.05V.
The status outputs and the reference are only active
when
SHDN is high.
Pulling
SHDN low puts the MAX780 into a low supply-
current mode and disables the reference and the
AGPI
and
BGPI status outputs. The VCC level shifters
ADRV5, ADRV3, BDRV5, BDRV3 are all forced low
when
SHDN is low. VPP switching is not affected by the
state of
SHDN. Program AVPP and BVPP to 0V for low-
est power consumption when
SHDN is low. Wait at
least 200µs after bringing the MAX780 out of shutdown
before checking
AGPI or BGPI since the reference
needs time to stabilize.
VCC Switching
The MAX780 contains level shifters that simplify driving
external power MOSFETs to switch PCMCIA card VCC
to 3.3V and 5V. While a PCMCIA card is being insert-
ed into the socket, the VCC pins on the card edge con-
nector should be powered down to 0V so that “hot
insertion” does not damage the PCMCIA card. The
simplest way to accomplish this is to pull out a
mechanical switch before the PCMCIA card is inserted.
The mechanical switch can be pushed in only when
the card has been fitted snugly into its socket. The
MAX780
Detailed Operating Circuit shows this method.
In the
Detailed Operating Circuit, (with the mechanical
interlock switch closed) the PCMCIA card VCC cannot
be pulled more than a diode drop below 3.3V. The N-
channel power MOSFET that connects VCC to 3.3V has
its drain tied to VCC and its source tied to 3.3V, so that
its body diode prevents the card’s VCC from falling to
0V. If it were rotated so that the source connected to
VCC, then applying 5V to VCC would short the 5V sup-
ply to the 3.3V supply via the MOSFET’s body diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com