Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8565G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8565G-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L8565G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 8Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R114-004.d
PIN CONFIGURATION
GND
1
ICOMP
ISENSE
FREQ
VCOMP
VSENSE
VCC
GATE
2
3
4
5
6
7
8
Figure 1. Pin Configuration (top view)
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VSENSE
The output bus voltage of the boost converter is sensed at this pin via a resistive divider.
The reference voltage for this pin is 5V.
2
VCOMP
This VCOMP Pin provides the compensation of the output voltage loop with a
compensation network to ground (see Figure 2). This also gives the soft start function
which controls an increasing AC input current during start-up.
3
ICOMP
At this pin the compensation components of the current loop are connected. The
capacitor which is connected at this pin integrates the output current of OTA2 and
averages the current sense signal.
4
FREQ
A resistor connected to this pin sets the fixed switching frequency. The frequency range
is from 50kHz to 250kHz.
5
ISENSE
The pin senses the negative voltage drop at the external sense resistor (R1). This is the
input signal for the average current regulation in the current loop. It is also fed to the
peak current limitation block. During power up time, high inrush currents cause high
voltage drop at R1, driving currents into pin 5 which could be beyond the absolute
maximum ratings. Therefore a series resistor (R2) of around 220Ω is recommended in
order to limit this current into the IC.
6
GND
This is the Ground pin.
7
GATE
The GATE pin is the output of the internal driver stage, which has a capability of 1.5A
source and sink current. Its gate drive voltage is clamped at 11.5V (typically).
8
VCC
The VCC pin is the positive supply of the IC and should be connected to an external
auxiliary supply. The operating range is between 10V and 21V. The turn-on threshold is
at 11.2V and under voltage occurs at 10.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com