Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8565G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L8565G-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  L8565G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 6Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 7Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 8Page - Unisonic Technologies L8565G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 13
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R114-004.d
HIGH PERFORMANCE POWER
FACTOR CORRECTION
CONTROLLER IN CONTINUOUS
CONDUCTION MODE
DESCRIPTION
The UTC L8565 is a wide input range controller integrated circuit for
active power factor correction. The circuit is designed for boost PFC
application, and requires reduced external component count. Its power
supply is recommended to be provided by an external auxiliary supply
which will switch on and off the IC.
The circuit operates in the continuous conduction mode under average
current, and in discontinuous conduction mode only in light load
condition. The switching frequency can be set with the external resistor at
pin 4. Both current and voltage loop compensations are done externally
to allow full user control.
There are many kinds of protection features incorporated to make sure of safe system operation conditions, such as
brown-out protection, output under voltage detection and peak current limitation. The inside reference is adjusted
(5V±2%) to make sure control level and precise protection. There is a particular soft-start function to limit the start up
current and thus reduces the stress on the boost diode.
FEATURES
* Supports wide input range
* Average current control
* Ease of use with few external components
* External current and voltage loop compensation
* Trimmed internal reference voltage (5V±2%)
* Programmable operating/switching frequency
* (50kHz ~ 250kHz)
* Max duty cycle of 95% (typ) at 125kHz
* Under voltage lockout
* Cycle by cycle peak current limiting
* Over-voltage protection
* Open loop detection
* Output under-voltage detection
* Brown-out protection
* Soft Over current Protection
* Enhanced dynamic response
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L8565L-S08-R
L8565G-S08-R
SOP-8
Tape Reel
L8565L-S08-T
L8565G-S08-T
SOP-8
Tube


Similar Part No. - L8565G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8565G-S08-R UTC-L8565G-S08-R Datasheet
380Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
More results

Similar Description - L8565G-S08-R

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
Unisonic Technologies
8565 UTC-8565 Datasheet
368Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION
L8565 UTC-L8565 Datasheet
380Kb / 13P
HIGH PERFORMANCE POWER FACTOR CORRECTION CONTROLLER IN CONTINUOUS
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
High performance power factor correction controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com