Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB209BL-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB209BL-P08-R
Description  BATTERY PROTECTION IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209BL-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB209BL-P08-R Datasheet HTML 1Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 2Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 3Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 4Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 5Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 6Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 7Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 8Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UB209B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-943.a
ABSOLUTE MAXIMUM RATING (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Between VDD and VSS
VDS
VSS-0.3~VSS+12
V
CB Pin Output Voltage
VCB
VSS-0.3~VDD+0.3
V
CDT Pin Voltage
VCDT
VSS-0.3~VDD+0.3
V
DO Pin Output Voltage
VDO
VDD-24~VDD+0.3
V
CO Pin Output Voltage
VCO
VDD-24~VDD+0.3
V
CTLC Pin Input Voltage
VCTLC
VSS-0.3~VSS+24
V
CTLD Pin Input Voltage
VCTLD
VSS-0.3~VSS+24
V
Power Dissipation (Note 2)
PD
700
mW
Operating Ambient Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+125
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When mounted on board: 114.3mm×76.2mm×1.6mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com