Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB209BL-P08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UB209BL-P08-R
Description  BATTERY PROTECTION IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209BL-P08-R Datasheet(HTML) 8 Page - Unisonic Technologies

  UB209BL-P08-R Datasheet HTML 1Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 2Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 3Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 4Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 5Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 6Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 7Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 8Page - Unisonic Technologies UB209BL-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UB209B
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-943.a
1. Normal Status
In the UTC UB209B, both of CO and DO pin get the VDD level; the voltage between VDD and VSS (VDS) is more
than the overdischarge detection voltage (VDL), and is less than the overcharge detection voltage (VCU) and
respectively, the CTLC pin input voltage (VCTLC) > the CTLC pin voltage “L” (VCTLCL), the CTLD pin input voltage
(VCTLD) > the CTLD pin voltage “L” (VCTLDL). This is the normal status.
2. Overcharge Status
In the UTC UB209B, the CO pin is in high impedance; when VDS gets VCU or more, or VCTLC gets VCTLCL or less.
This is the overcharge status.
If VDS gets the overcharge release voltage (VCL) or less, and VCTLC gets the CTLC pin voltage “H” (VCTLCH) or more,
the UTC UB209B releases the overcharge status to return to the normal status.
3. Overdischarge Status
In the UTC UB209B, the DO pin is in high impedance; when VDS gets VDL or less, or VCTLD gets VCTLDL or less.
This is the overdischarge status.
If VDS gets the overdischarge release voltage (VDU) or more, and VCTLD gets the CTLD pin voltage “H” (VCTLDH) or
more, the UTC UB209B releases the overdischarge status to return to the normal status.
4. Cell-balance Function
In the UTC UB209B, the CB pin gets the level of VDD pin; when VDS gets the cell-balance detection voltage (VBU)
or more. This is the charge cell-balance function.
If VDS gets the cell-balance release voltage (VBL) or less again, the UTC UB209B sets the CB pin the level of VSS
pin.
In addition, the CB pin gets the level of VDD pin; when VDS is more than VDL, and VCTLD is VCTLDL or less. This is the
discharge cell-balance function.
If VCTLD gets VCTLDH or more, or VDS is VDL or less again, the UTC UB209B sets the CB pin the level of VSS.
5. Delay Circuit
In the UTC UB209B, users are able to set delay time which is from detection of changes in VDS, VCTLC, VCTLD to
output to the CO, DO, CB pin.
For example in the detection of overcharge status, when VDS exceeds VCU, or VCTLC gets VCTLCH or less, charging
to CCDT starts via RCDT. If the voltage between CDT and VSS (VCDT) reaches the CDT pin detection voltage (VCDET),
the CO pin is in high impedance. The output pin delay time tD is calculated by the following formula.
tD [s]=10.0MΩ (Typ.)×CCDT [µF]
The electric charge in CCDT starts to be discharged when the delay time has finished.
The delay time that users have set for the CO pin, as seen above, is settable for each output pin DO, CB.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com