Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB261L-AC-AG6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB261L-AC-AG6-R
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB261L-AC-AG6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UB261L-AC-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UB261
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R502-A27.b
MARKING INFORMATION
PACKAGE
VOLTAGE CODE (Note)
MARKING
SOT-26
XX
Note: Refer to Serial Code List
SERIAL CODE LIST
Model
Code
Overcharge
Detection
Voltage
[VCU](V)
Overcharge
Release
Voltage
[VCL](V)
Over discharge
Detection
Voltage
[VDL](V)
Over discharge
Release
Voltage
[VDU](V)
Over Current
Detection
Voltage
[VIOV1](V)
UB261
AA
4.325
4.075
2.50
2.90
0.150
AB
4.325
4.075
2.50
2.90
0.100
AC
4.300
4.200
2.40
3.00
0.200
AD
4.280
4.180
2.50
3.00
0.150
AE
4.280
4.080
2.30
2.40
0.100
AF
4.275
4.075
2.50
2.90
0.150
AG
4.250
4.150
2.40
3.00
0.100
AH
4.200
4.100
2.80
2.90
0.150
AI
4.100
3.850
2.50
2.90
0.150
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
DO
For discharge control: FET gate connection pin
2
VM
For current sense and charger detection input pin
3
CO
For charge control: FET gate connection pin
4
DP
Test pin for delay time measurement
5
VDD
Positive power input
6
VSS
Negative power input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com