Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB261L-AC-AG6-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UB261L-AC-AG6-R
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB261L-AC-AG6-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UB261L-AC-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB261L-AC-AG6-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
UB261
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 10
www.unisonic.com.tw
QW-R502-A27.b
TYPICAL APPLICATION CIRCUIT
M1
M2
R1=100~470Ω
C1=0.1µF
R2=1kΩ
DO
CO
VDD
VSS
VM
Battery
EB+
EB-
UTC UB261
DP
Notes: 1. Overdischarge detection voltage must be higher than the threshold voltage of M1 and M2, if not, the M1
may not cut the charging current. If the threshold voltage of M1 equal to or higher than the overdischarge
detection voltage is used, discharging may be stopped before overdischarge is detected.
2. Charger voltage must be higher than the withstanding voltage between the gate and source of M1 and M2,
if not, M1 and M2 may be destroyed.
3. Resistance of R1 can’t be high, the value is about from 100Ω to 470Ω, If R1 has a high resistance, the
voltage between VDD pin and VSS pin may exceed the absolute maximum rating when a charger is
connected in reverse since the current flows from the charger to the IC. Insert a resistor of 100Ω or higher
as R1 for ESD protection.
4. The capacitance of C1 must not be less than 0.022μF, if not, DO pin may oscillate when load
short-circuiting is detected. Be sure to connect a capacitor of 0.022μF or higher to C1, the typical value is
about 0.1μF.
5. The resistance of R2 can not be higher than 2kΩ, if not, the charging current may not be cut when a
high-voltage charger is connected.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com