Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB261G-AD-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB261G-AD-AG6-R
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB261G-AD-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB261G-AD-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UB261
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-A27.b
ABSOLUTE MAXIMUM RATING (VSS=0V, TA=25°С unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Between VDD and VSS (Note 2)
VDD
VSS-0.3 ~ VSS+12
V
CO Output Pin Voltage
VCO
VDD-12 ~ VDD+0.3
V
DO Output Pin Voltage
VDO
VSS-0.3 ~ VDD+0.3
V
VM Input Pin Voltage
VM
VDD-14 ~ VDD+0.3
V
Ambient Operating Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-55 ~ +125
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse (μsec) noise exceeding the above input voltage (VSS+12V) may cause damage to the IC.
ELECTRICAL CHARACTERISTICS (VSS=0V, TA=25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSUMPTION
Supply Current
IOPE
VDD=3.5V, VM=0V
3.0
8.0
μA
Power-Down Current
IPDN
VDD=VM=1.5V
0.2
0.5
μA
OPERATING VOLTAGE
Operating Voltage Between VDD-pin and
VSS-pin
VDS1
1.5
8
V
Operating Voltage Between VDD-pin and
VM-pin
VDS2
1.5
10
V
DETECTION VOLTAGE
Overcharge Detection Voltage
VCU
VCU-0.050
VCU VCU+0.050
V
Overcharge Release Voltage
VCL
VCL-0.050
VCL
VCL+0.050
V
Overdischarge Detection Voltage
VDL
VDL-0.100
VDL
VDL+0.100
V
Overdischarge Release Voltage
VDU
VDU-0.100
VDU VDU+0.100
V
Over Current 1 Detection Voltage
VIOV1
VDD=3.5V
VIOV1-0.03 VIOV1 VIOV1+0.03
V
Over Current 2 Detection Voltage
VIOV2
VDD=3.5V
0.35
0.50
0.65
V
Load Short Circuit Detection Voltage
VSHORT
0.5
1.2
1.7
V
Charger Detection Voltage
VCHA
VDU≠VDL
-1.6
-0.7
-0.2
V
0V BATTERY CHARGE VOLTAGE
0V Battery Charge Inhibition Battery
Voltage
V0INH
0.9
1.8
V
INTERNAL RESISTANCE
Resistance between VM-pin and
VDD-pin
RVMD
VDD=1.8V, VM=0V
100
300
900
kΩ
Resistance between VM-pin and
VSS-pin
RVMS
VDD=3.5V, VM=1.0V
10
30
70
kΩ
OUTPUT RESISTANCE
CO-pin Resistance “H”
RCOH
VCO=3.0V, VDD=3.5V, VM=0V
5
10
kΩ
CO-pin Resistance “L”
RCOL
VCO=0.5V, VDD=4.5V, VM=0V
5
10
kΩ
DO-pin Resistance “H”
RDOH
VDO=3.0V, VDD=3.5V, VM=0V
5
10
kΩ
DO-pin Resistance “L”
RDOL
VDO=0.5V, VDD=VM=1.8V
5
10
kΩ
DELAY TIME
Overcharge Detection Delay Time
tCU
0.9
1.2
1.5
s
Overdischarge Detection Delay Time
tDL
110
150
190
ms
Over Current 1 Detection Delay Time
tIOV1
VDD=3.5V
6
9
12
ms
Over Current 2 Detection Delay Time
tIOV2
VDD=3.5V
1
2.2
3.2
ms
Short Circuit Detection Delay Time
tSHORT
120
300
380
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com