Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB261G-AD-AG6-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB261G-AD-AG6-R
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB261G-AD-AG6-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB261G-AD-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB261G-AD-AG6-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UB261
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R502-A27.b
OPERATION(Cont.)
4. Overdischarge Condition
When the battery voltage falls below the overdischarge detection voltage (VDL) during discharging under the
normal condition and the detection continues for the overdischarge detection delay time (tDL), the UTC UB261 series
turns the discharging control FET off to stop discharging. This condition is called the overdischarge condition. When
the discharging control FET is turned off, the VM pin voltage is pulled up by the resistor between VM and VDD in the IC
(RVMD). When the voltage difference between the VM and VDD then is 1.2V (typ.) or lower, the current consumption is
reduced to the power-down current consumption (IPDN). This condition is called the power-down condition.
The power-down condition is released when a charger is connected and the voltage difference between the VM
and VDD becomes 1.2V (typ.) or higher. Moreover when the battery voltage becomes the overdischarge detection
voltage (VDL) or higher, the UTC UB261 series turns the discharging FET on and returns to the normal condition.
5. Charger Detection
When a battery in the overdischarge condition is connected to a charger and provided that the VM pin voltage is
lower than the charger detection voltage (VCHA), the UTC UB261 series releases the overdischarge condition and
turns the discharging control FET on when the battery voltage becomes equal to or higher than the overdischarge
detection voltage (VDL) since the charger detection function works. This action is called charger detection.
When a battery in the overdischarge condition is connected to a charger and provided that the VM pin voltage is
not lower than the charger detection voltage (VCHA), the UTC UB261 series releases the overdischarge condition
when the battery voltage reaches the overdischarge detection voltage (VDU) or higher.
6. Abnormal Charge Current Detection
If the VM pin voltage falls below the charger detection voltage (VCHA) during charging under normal condition and it
continues for the overcharge detection delay time (tCU) , the charging control FET turns off and charging stops. This
action is called the abnormal charge current detection.
Abnormal charge current detection works when the DO pin voltage is “H” and the VM pin voltage falls below the
charger detection voltage (VCHA). Consequently, if an abnormal charge current flows to an over-discharged battery,
the UTC UB261 series turns the charging control FET off and stops charging after the battery voltage becomes
higher than the overdischarge detection voltage which make the DO pin voltage “H”, and still after the overcharge
detection delay time (tCU) elapses.
Abnormal charge current detection is released when the voltage difference between VM pin and VSS pin becomes
less than charger detection voltage (VCHA).
7. Delay Circuits
The detection delay times are determined by dividing a clock of the approximately 3.5kHz with the counter.
Note 1: The detection delay time for overcurrent 2 (tIOV2) and load short-circuiting (tSHORT) start when the
overcurrent 1 (VIOV1) is detected. When the overcurrent 2 (VIOV2) or load short-circuiting (VSHORT) is detected over the
detection delay time for each of them (= tIOV2 or tSHORT) after the detection of overcurrent 1 (VIOV1), the UTC UB261
series turns the FET off within tIOV2 or tSHORT of each detection.
Note 2: When the overcurrent is detected and continues for longer than the overdischarge detection delay time (tDL)
without releasing the load, the condition changes to the power-down condition when the battery voltage falls below
the overdischarge detection voltage (VDL). When the battery voltage falls below the overdischarge detection voltage
(VDL) due to the overcurrent, the UTC UB261 series turns the discharging control FET off by the overcurrent
detection. In this case the recovery of the battery voltage is so slow that if the battery voltage after the overdischarge
detection delay time (tDL) is still lower than the over discharge detection voltage (VDL), the UTC UB261 series shifts
to the power-down condition.
8. 0V Battery Charge Inhibiting Function
This function inhibits the recharging when a battery that is short-circuited (0V battery) internally is connected.
When the battery voltage is the 0V battery charge inhibition battery voltage (V0INH) or lower, the charging control FET
gate is fixed to EB- pin voltage to inhibit charging. When the battery voltage is the 0V battery charge inhibition
battery voltage (V0INH) or higher, charging can be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com