Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB6054AG-AG6-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UB6054AG-AG6-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB6054AG-AG6-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UB6054AG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 10Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 11Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 12Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
UB6054A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R502-926.b
APPLICATION INFORMATION(Cont.)
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing. However, caution must be exercised when using
multilayer ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of ceramic
capacitors, high voltage transients can be generated under some start-up conditions, such as connecting the charger
input to a live power source. Adding a 1 W resistor in series with an X5R ceramic capacitor will minimize start-up
voltage transients.
Charge Current Soft-Start
The UTC UB6054 includes a soft-start circuit to minimize the inrush current at the start of a charge cycle. When a
charge cycle is initiated, the charge current ramps from zero to the full-scale current over a period of approximately
50ms. This has the effect of minimizing the transient current load on the power supply during start-up.
CHRG Status Output Pin
The CHRG pin can provide an indication that the input voltage is greater than the undervoltage lockout threshold
level. A weak pull-down current of approximately 20mA indicates that sufficient voltage is applied to VCC to begin
charging. When a discharged battery is connected to the charger, the constant current portion of the charge cycle
begins and the CHRG pin pulls to ground. The CHRG pin can sink up to 10mA to drive an LED that indicates that a
charge cycle is in progress. When the battery is nearing full charge, the charger enters the constant-voltage portion
of the charge cycle and the charge current begins to drop. When the charge current drops below 1/10 of the
programmed current, the charge cycle ends and the strong pull-down is replaced by the 20mA pull-down, indicating
that the charge cycle has ended. If the input voltage is removed or drops below the undervoltage lockout threshold,
the CHRG pin becomes high impedance. Figure 3 shows that by using two different value pull-up resistors, a
microprocessor can detect all three states from this pin. To detect when the UTC UB6054A is in charge mode, force
the digital output pin (OUT) high and measure the voltage at the CHRG pin. The N-channel MOSFET will pull the pin
voltage low even with the 2kΩ pull-up resistor. Once the charge cycle terminates, the N-channel MOSFET is turned
off and a 20mA current source is connected to the CHRG pin. The IN pin will then be pulled high by the 2kΩ pull-up
resistor. To determine if there is a weak pull-down current, the OUT pin should be forced to a high impedance state.
The weak current source will pull the IN pin low through the 800kΩ resistor; if CHRG is high impedance, the IN pin
will be pulled high, indicating that the part is in a UVLO state.
Fig3. Using a Microprocessor to Determine CHRG State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com