Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB6054AG-AG6-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UB6054AG-AG6-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB6054AG-AG6-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UB6054AG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 9Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 10Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 11Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 12Page - Unisonic Technologies UB6054AG-AG6-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UB6054A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R502-926.b
APPLICATION INFORMATION(Cont.)
Reverse Polarity Input Voltage Protection
In some applications, protection from reverse polarity voltage on VCC is desired. If the supply voltage is high
enough, a series blocking diode can be used. In other cases, where the voltage drop must be kept low a Pchannel
MOSFET can be used.
Fig4. Low Loss Input Reverse Polarity Protection
USB and Wall Adapter Power
The UTC UB6054 allows charging from both a wall adapter and a USB port. Figure 5 shows an example of how to
combine wall adapter and USB power inputs. A P-channel MOSFET, MP1, is used to prevent back conducting into
the USB port when a wall adapter is present and a Schottky diode, D1, is used to prevent USB power loss through
the 1kΩ pull-down resistor. Typically a wall adapter can supply more current than the 500mA-limited USB port.
Therefore, an N-channel MOSFET, MN1, and an extra 10kΩ program resistor are used to increase the charge
current to 600mA when the wall adapter is present.
Fig5. Combining Wall Adapter and USB Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com