Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC5301L-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UC5301L-S08-R
Description  SWITCHED-CAPACITOR VOLTAGE INVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC5301L-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UC5301L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 7Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
UC5301
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-602.C
APPLICATION INFORMATION
Table 1. Low-ESR Capacitor Manufacturers
PRODUCTION METHOD
MANUFACTURER
SERIES
Surface-Mount Ceramic
AVX
X7R
Matsuo
X7R
Capacitor Selection
Proper selection of external capacitor in applications is critical to keep the lowest output resistance; the capacitors
should be with low ESR (Table 1). Minimizing the charge-pump capacitor’s ESR minimizes the total output
resistance because the charge-pump output resistance is a function of C1’s and C2’s ESR.
Flying Capacitor (C1)
Increasing the flying capacitor’s value reduces the output resistance. Above a certain point, increasing C1’s
capacitance has a negligible effect because the output resistance becomes dominated by the internal switch
resistance and capacitor ESR.
Output Capacitor (C2)
Increasing the output capacitor’s value reduces the output ripple voltage. Decreasing its ESR reduces both output
resistance and ripple. Lower capacitance values can be used with light loads if higher output ripple can be tolerated.
The peak-to-peak ripple is determined by the following equations:
VRIPLE =
C2
L
OSC
L
ESR
2XI
C2
f
I
The output voltage drop is the load current times the output resistance, and the power efficiency is calculated as:
η=
)
(V
I
R
I
R
I
R
I
P
P
IN
Q
OUT
2
L
L
2
L
L
2
L
N
I
OUT
(IQ(VIN) is the quiescent power loss of the IC device, and IL
2ROUT is the conversion loss associated with the switch
on-resistance, the two external capacitors and their ESRS.)
Input Bypass Capacitor (C3)
Input bypass capacitor is used to bypass the incoming supply to reduce its AC impedance and the impact of the
UTC UC5301’s switching noise. The value of a bypass capacitor is recommended to be equal to the C1.
Voltage Inverter
The device is mainly for application as a charge-pump voltage inverter (Figure 2). Less external capacitors are
required. (C1, C2 and a bypass capacitor, if necessary.)
Layout and Grounding
For a better noise performance, a good layout is necessary. Therefore, it’s best to mount all components as close
together as possible, keep traces short to minimize parasitic inductance and capacitance and use a ground plane.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com