Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC5301L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC5301L-S08-R
Description  SWITCHED-CAPACITOR VOLTAGE INVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC5301L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC5301L-S08-R Datasheet HTML 1Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 2Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 3Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 4Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 5Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 6Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 7Page - Unisonic Technologies UC5301L-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC5301
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-602.C
SWITCHED-CAPACITOR
VOLTAGE INVERTERS
DESCRIPTION
The UTC UC5301 is an unregulated charge-pump voltage
inverter. It can be used to generate a negative supply from positive
input. Input voltages varying from +1.8V to +5V can be inverted into
a -1.8V ~ -5V output supply.
The device can be operated on a 0.45mA typical current from
supplies 3.3V, which meets the requirements of battery-powered and
board level voltage conversion applications.
The UTC UC5301 can deliver 25mA output current with a voltage
drop of 250mV. The parts are over-temperature protected.
The UTC UC5301 is generally used in cell phones, PDAS, and
other portable equipments, small LCD panels, handy-terminals.
FEATURES
* Operating voltage range: 1.8V ~ 5V
* Inverts input supply voltage
* 25mA output current with a voltage drop of 250mV
* Quiescent current 0.45mA from supplis 3.3V
* Voltage conversion efficiency up to 99%
* Only two capacitors needed
* Over-temperature circuit
* 2KV ESD rating
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UC5301L-S08-R
UC5301G-S08-R
SOP-8
Tape Reel
UC5301L-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) S08: SOP-8
(3) L:Lead Free, G: Halogen Free
(3)Lead Free


Similar Part No. - UC5301L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC5301L-S08-R UTC-UC5301L-S08-R Datasheet
194Kb / 6P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
More results

Similar Description - UC5301L-S08-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1719 MAXIM-MAX1719 Datasheet
568Kb / 8P
SOT23, Switched-Capacitor Voltage Inverters with Shutdown
Rev 2; 4/04
MAX828 MAXIM-MAX828 Datasheet
85Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 2; 4/97
MAX870 MAXIM-MAX870 Datasheet
97Kb / 8P
Switched-Capacitor Voltage Inverters
Rev 0; 6/97
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
Unisonic Technologies
UC5301 UTC-UC5301 Datasheet
194Kb / 6P
SWITCHED-CAPACITOR VOLTAGE INVERTERS
logo
Linear Technology
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Maxim Integrated Produc...
MAX828 MAXIM-MAX828_V01 Datasheet
177Kb / 8P
Switched-Capacitor Voltage Inverters
1999
MAX870 MAXIM-MAX870_V01 Datasheet
409Kb / 8P
Switched-Capacitor Voltage Inverters
2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com