Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4015L-S16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UCD4015L-S16-R
Description  CMOS Dual 4-Stage Static Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4015L-S16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UCD4015L-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UCD4015
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-875.A
ABSOLUTE MAXIMUM RATING (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VDD
-0.5 ~ 20
V
Input Voltage
VIN
-0.5 ~ VCC + 0.5
V
Output Voltage
VOUT
-0.5 ~ VCC + 0.5
V
Input Clamp Current (VIN<0, or VIN>VCC)
IIK
±10
mA
Power Dissipation
TA=-40°C~+85°C
PD
500
mW
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-16
θJA
73
°C/W
TSSOP-16
108
°C/W
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VDD
3
18
V
Clock Pulse Width
tW
VDD=5V
180
ns
VDD=10V
80
VDD=15V
50
Clock Frequency
fCL
VDD=5V
3
MHz
VDD=10V
6
VDD=15V
8.5
Clock Rise and Fall Time
tr, tf
VDD=5V
15
μs
VDD=10V
6
VDD=15V
2
Data Set-up Time
tSU
VDD=5V
70
ns
VDD=10V
40
VDD=15V
30
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Quiescent Supply Current
IDD
VIN=0, 5V, VDD=5V
0.04
5
μA
VIN=0, 10V, VDD=10V
0.04
10
VIN=0, 15V, VDD=15V
0.04
20
VIN=0, 20V, VDD=20V
0.08
100
Output Low (Sink) Current
IOL
VOUT=0.4V, VDD=5V
0.51
1
mA
VOUT=0.5V, VDD=10V
1.3
2.6
VOUT=1.5V, VDD=15V
3.4
6.8
Output High (Source) Current
IOH
VOUT=4.6V, VDD=5V
-0.51
-1
mA
VOUT=2.5V, VDD=5V
-1.6
-3.2
VOUT=9.5V, VDD=10V
-1.3
-2.6
VOUT=13.5V, VDD=15V
-3.4
-6.8
Output Voltage: Low-Level
VOL
VDD=5V
0
0.05
V
VDD=10V
0
0.05
VDD=15V
0
0.05
Output Voltage: High-Level
VOH
VDD=5V
4.95
5
V
VDD=10V
9.95
10
VDD=15V
14.95
15



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com