Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4015L-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UCD4015L-S16-R
Description  CMOS Dual 4-Stage Static Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4015L-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UCD4015L-S16-R Datasheet HTML 1Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 2Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 3Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 4Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 5Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 6Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 7Page - Unisonic Technologies UCD4015L-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UCD4015
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-875.A
TEST CIRCUIT AND WAVEFORMS
Fig 1. TEST CIRCUIT
Inputs
VM
VLOAD
CL
RL
VIN
tr, tf
VDD
20 ns
VDD/2
VDD
50 pF
200 KΩ
VM
VM
VM
VM
VIN
0V
VOH
VOL
Input
Output
t PLH
tPHL
t PLH
t PHL
VOH
VOL
Output
VM
VM
10%
90%
t r
10%
90%
t f
10%
90%
t f
10%
90%
t r
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics: PRR ≤1MHz, ZO = 50Ω.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com