Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX840C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX840C/D
Description  Low-Noise, Regulated, -2V GaAsFET Bias
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX840C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX840C/D Datasheet HTML 2Page - Maxim Integrated Products MAX840C/D Datasheet HTML 3Page - Maxim Integrated Products MAX840C/D Datasheet HTML 4Page - Maxim Integrated Products MAX840C/D Datasheet HTML 5Page - Maxim Integrated Products MAX840C/D Datasheet HTML 6Page - Maxim Integrated Products MAX840C/D Datasheet HTML 7Page - Maxim Integrated Products MAX840C/D Datasheet HTML 8Page - Maxim Integrated Products MAX840C/D Datasheet HTML 9Page - Maxim Integrated Products MAX840C/D Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Low-Noise, Regulated, -2V GaAsFET Bias
10
______________________________________________________________________________________
( ) ARE FOR MAX843/MAX844
TRANSISTOR COUNT: 148
SUBSTRATE CONNECTED TO IN
___________________Chip Topography
IN
NEGOUT
NEGOUT
SHDN
0.145"
(3.683mm)
0.085"
(2.159mm)
FB (CONT)
GND
GND
OUT
C1-
C1+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com