Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX840C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX840C/D
Description  Low-Noise, Regulated, -2V GaAsFET Bias
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX840C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX840C/D Datasheet HTML 2Page - Maxim Integrated Products MAX840C/D Datasheet HTML 3Page - Maxim Integrated Products MAX840C/D Datasheet HTML 4Page - Maxim Integrated Products MAX840C/D Datasheet HTML 5Page - Maxim Integrated Products MAX840C/D Datasheet HTML 6Page - Maxim Integrated Products MAX840C/D Datasheet HTML 7Page - Maxim Integrated Products MAX840C/D Datasheet HTML 8Page - Maxim Integrated Products MAX840C/D Datasheet HTML 9Page - Maxim Integrated Products MAX840C/D Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Low-Noise, Regulated, -2V GaAsFET Bias
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
Dual Mode is a trademark of Maxim Integrated Products.
MAX843
MAX844
1
2
3
—
4
8
7
6
5
MAX840
NAME
FUNCTION
1
C1+
Positive Terminal for C1
PIN
2
C1-
Negative Terminal for C1
3
NEGOUT
Negative Output Voltage (unregulated)
5
FB
Dual Mode™ Feedback Input. When FB is grounded, the output is preset to -2V. To
select other output voltages, connect FB to an external resistor divider (Figure 2b).
4
SHDN
Active-Low, TTL Logic-Level Shutdown Input
8
IN
Positive Power-Supply Input
7
GND
Ground
6
OUT
Regulated Negative Output Voltage
—
CONT
Control Voltage Input. To set VOUT, connect a resistor divider between OUT and a
positive control voltage between 0V and 10V (Figure 2c).
MAX840
-0.5V
REF
CHARGE
PUMP
IN
N
C1+
C1-
NEGOUT
SHDN
OUT
CONNECT TO
GND TO SET
VOUT = -2V
FB
GND
MAX843
MAX844
CHARGE
PUMP
IN
N
C1+
C1-
NEGOUT
SHDN
OUT
CONTROL
VOLTAGE
CONT
GND
R2
R1
Figure 1a. MAX840 Block Diagram
Figure 1b. MAX843/MAX844 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com