Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3854XG-S16-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC3854XG-S16-R
Description  ENHANCED HIGH POWER FACTOR PREREGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3854XG-S16-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC3854XG-S16-R Datasheet HTML 1Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 2Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 3Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 4Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 5Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UC3854
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-082.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground. All voltage are measured with respect to GND .
2
PKLMT
Peak Limit. The threshold for PKLMT is 0V.
3
CA OUT
Current Error Amplifier Output.
4
ISNESE
Current Sense Minus. The negative input to the current amplifier.
5
Mult OUT
Multiplier/Divider Output. Multiplier output and non-inverting input connected together
6
IAC
Analog Input AC Current.
7
VA OUT
Voltage Error Amplifier Output.
8
VRMS
RMS Line Voltage.
9
VREF
Voltage Reference Output.
10
ENA
Enable. A logic input, set “H” active.
11
VSNESE
Voltage Error Amplifier Inverting Input.
12
RSET
Oscillator Charging Current.
13
SS
Soft Start.
14
CT
Oscillator Timing Capacitor.
15
VCC
Positive supply voltage.
16
GT Drv
Gate Driver.
BLOCK DIAGRAM
7
VA
OUT
5
Mult
OUT
CA
OUT
PK
LMT
3
2
RFE
10
ENA
VSENSE 11
6
8
IAC
VRMS
13
SS
ISNESE
4
14
12
CT
RSET
15
16
1
VCC
GT Drv
GND
VCC
(A) 16V/10V
(B) 10.5V/10V
2.65V/2.15V
3V
X2
A
B
C
IM=
A
C
R
R
S
Q
OSCILLATOR
7.5V
REF
7.2V
20V
14µA
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com