Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC3854XG-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3854XG-S16-R
Description  ENHANCED HIGH POWER FACTOR PREREGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3854XG-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3854XG-S16-R Datasheet HTML 1Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 2Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 3Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 4Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 5Page - Unisonic Technologies UC3854XG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UC3854
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R103-082.a
ENHANCED HIGH POWER
FACTOR PREREGULATOR
DESCRIPTION
The UTC UC3854 provide all the functions necessary for active
power factor corrected preregulators. The controller achieves near
unity power factor by shaping the AC input line current waveform to
correspond to that of AC input line voltage. Average current mode
control maintains stable, low distortion sinusoidal line current
without the need for slope compensation, unlike peak current mode
control.
Designed in UTC’s Bipolar process, the UTC UC3854 offers
new features such as wide bandwidth, low offset Current Amplifier,
a faster responding and improved accuracy enable comparator, a
VREF "good" comparator, UVLO threshold options (16/10V for
offline, 10.5/10V for startup from an auxiliary 12V regulator), lower
startup supply current, and an enhanced multiply/divide circuit.
New features like the improved amplifier current sinking capability,
amplifier output clamps, and low offset VAC pin reduce the external
component count while improving performance. Improved common
mode input range of the Multiplier output/Current Amp input allow
the designer greater flexibility in choosing a method for current
sensing. Unlike its predecessor, the maximum multiplier output
current is now clamped to a maximum of 2 * IAC at all times.
A 1% 7.5V reference, fixed frequency oscillator, PWM, Voltage
Amplifier with softstart, line voltage feedforward (VRMS squarer),
input supply voltage clamp, and over current comparator round out
the list of features.
FEATURES
* Controls Boost Preregulator to Near Unity Power Factor
* Limits Line Distortion
* World-Wide Line Operation
* Accurate Power Limiting
* Fixed Frequency Average Current Mode Control
* High Bandwidth (5MHz), Low Offset Current Amplifier
* Integrated Current and Voltage Amp Output Clamps
* Multiplier Improvements: Linearity, 500mV VAC Offset (eliminates
external resistor), 0-5V Multout Common Mode Range
* VREF "GOOD" Comparator
* Faster and Improved Accuracy ENABLE Comparator
* 300uA Startup Supply Current
SOP-16


Similar Part No. - UC3854XG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3854XG-S16-R UTC-UC3854XG-S16-R Datasheet
309Kb / 6P
ENHANCED HIGH POWER FACTOR PREREGULATOR
More results

Similar Description - UC3854XG-S16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1852 TI-UC1852 Datasheet
210Kb / 6P
High Power-Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
High Power Factor Preregulator
UC1854A TI-UC1854A Datasheet
188Kb / 7P
Enhanced High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
High Power Factor Preregulator
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
High Power Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
High Power-Factor Preregulator
logo
Unisonic Technologies
UC3854 UTC-UC3854_V01 Datasheet
309Kb / 6P
ENHANCED HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com