Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9101ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9101ESA
Description  1.0V Micropower SOT23 Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9101ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9101ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
+1.0V Micropower SOT23 Comparators
_______________________________________________________________________________________
5
2.5
2.0
3.5
3.0
4.0
4.5
02
1
345
PROPAGATION DELAY vs. VCM
VCM (mV)
tpd-
tpd+
PROPAGATION DELAY (tPD+)
OUT
500mV/div
MAX9100 toc11
1
µs/div
IN+
50mV/div
VOD = 50mV
PROPAGATION DELAY (tPD-)
MAX9100 toc12
1
µs/div
IN+
OUT
50mV/div
500mV/div
VOD = 50mV
PROPAGATION DELAY (tPD+)
MAX9100 toc13
1
µs/div
IN+
OUT
50mV/div
2V/div
VOD = 50mV
PROPAGATION DELAY (tpd-)
MAX9100 toc14
1
µs/div
IN+
OUT
50mV/div
2V/div
VOD = 50mV
POWER-UP DELAY
MAX9100 toc15
100ns/div
VCC
OUT
2V/div
2V/div
VIN- = 0
VIN+ = 100mV
Typical Operating Characteristics (continued)
(VCC = +5V, VCM = 0, TA = +25
°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com