Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9101ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9101ESA
Description  1.0V Micropower SOT23 Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9101ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX9101ESA Datasheet HTML 1Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 2Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 3Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 4Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 5Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 6Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 7Page - Maxim Integrated Products MAX9101ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
+1.0V Micropower SOT23 Comparators
_______________________________________________________________________________________
7
Open-Drain Output (MAX9101)
The MAX9101 has an open-drain output, which can be
pulled up to +6.0V above ground independent of the
supply voltage. This is typically used with an external
pullup resistor, facilitating interface between mixed logic
voltages. Alternatively, multiple open-drain comparator
outputs can be connected in a wire-OR configuration.
Applications Information
Low-Voltage Operation: VCC = 1V
The minimum operating voltage is +1.0V. At lower sup-
ply voltages, the input common-mode range remains
rail-to-rail, but the comparator’s output drive capability is
reduced and propagation delay increases (see Typical
Operating Characteristics).
Internal Hysteresis
Hysteresis increases the comparators’ noise margin by
increasing the upper threshold and decreasing the
lower threshold (Figure 1). This hysteresis prevents the
comparator from providing multiple poles when driven
with a very-slow-changing signal.
Additional Hysteresis
These comparators have 1.0mV internal hysteresis.
Additional hysteresis can be generated with two resis-
tors using positive feedback (Figure 2). Use the follow-
ing procedure to calculate resistor values:
1) Calculate the trip points of the comparator using
these formulas:
and
VTH is the threshold voltage at which the comparator
switches its output from high to low as VIN rises
above the trip point. VTL is the threshold voltage at
which the comparator switches its output from low to
high as VIN drops below the trip point.
2) The hysteresis band will be:
VHYS = VTH - VTL = VCC
3) In this example, let VCC = +5V and VREF = +2.5V:
and
4) Select R2. In this example, we will choose 1k
Ω.
5) Select VHYS. In this example, we will choose 50mV.
6) Solve for R1:
where R1
≈ 100kΩ, VTH = 2.525V, and VTL = 2.475V.
Board Layout and Bypassing
A power-supply bypass capacitor is not normally
required, but 100nF bypass capacitors can be used
when the supply impedance is high or when the supply
0 050
5
1000
1 1000
.
=
+
R
VV
R
RR
HYS
CC
=
+
2
12
V
R
RR
TL =−
+
25 1
2
12
.
V
R
RR
TH =+
+
25
25
2
12
..
R
RR
2
12
+
VV
R
RR
TL
REF
=−
+
1
2
12
VV
VV
R
RR
TH
REF
CC
REF
=+
−
()
+


2
12
THRESHOLDS
OUT
IN-
IN+
VHYST
HYSTERESIS
BAND
VIN - VHYST
VIN - +VHYST/2
GND
VCC
OUT
R2
R2
VIN
VREF
VCC
MAX9100
Figure 1. Threshold Hysteresis Band
Figure 2. Additional Hysteresis (MAX9100)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com