Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN136 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SDN136
Description  Analog High Speed Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN136 Datasheet(HTML) 2 Page - Solid State Optronic

  SDN136 Datasheet HTML 1Page - Solid State Optronic SDN136 Datasheet HTML 2Page - Solid State Optronic SDN136 Datasheet HTML 3Page - Solid State Optronic SDN136 Datasheet HTML 4Page - Solid State Optronic SDN136 Datasheet HTML 5Page - Solid State Optronic SDN136 Datasheet HTML 6Page - Solid State Optronic SDN136 Datasheet HTML 7Page - Solid State Optronic SDN136 Datasheet HTML 8Page - Solid State Optronic SDN136 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page # 2
SDN136/H/S/TR
Rev 1.10 (08/09/2012)
001511
SDN136
Analog High Speed Optocoupler
1MBd, Photodiode with Transistor Output
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.4
1.7
V
IF = 16mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Detector Specifications
Current Transfer Ratio
1
CTR
19
24
50
%
IF=16mA, VCC=4.5V, VO=0.4V
Logic Low Output Voltage
VOL
-
0.25
0.4
V
IF=0mA, VO=VCC=4.5V, IO=3mA
Logic High Output Current
IOH
-
-
1
A
IF=0mA, VO=VCC=5.5V
Logic Low Supply Current
2
ICCL
-
400
-
A
IF=16mA, VO=OPEN (VCC=15V)
Logic High Supply Current
2
ICCH
-
-
1
A
IF=0mA, VO=OPEN (VCC=15V)
Offset Voltage
Switching Specifications, T
A = 0~70°C, VCC = 5V (unless otherwise specified)
Propagation Delay Time to
Low Output Level
3
tPHL
-
0.1
0.8
S
TA=25°C (RL=1.9K, IF=16mA)
Propagation Delay Time to
High Output Level
3
tPLH
-
0.4
0.8
S
TA=25°C (RL=1.9K, IF=16mA)
Logic High Common Mode Transient
Immunity
3
|CMH|
1
-
-
KV/
S
IF=0mA, VCM=10VP-P, RL=1.9K
Logic High Common Mode Transient
Immunity
3
|CML|
1
-
-
KV/
S
IF=16mA, VCM=10VP-P, RL=1.9K
Coupled Capacitance
S
Contact Transient Ratio
S
Isolation Specifications
Input-Output Insulation Leakage Current
II-O
-
-
1.0
μA
45% RH, t=5s, VI-O=3kV
Withstand Insulation Test Voltage
VISO
5000
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Notes
1.
Current Transfer Ratio (CTR) as a percentage is defined as the ratio of output collector current (IO) to the forward LED input current (IF)
times 100
2.
A 0.1µF or bigger bypass capacitor for VCC is needed as shown in Figure 1 on following page
3.
The 1.9KΩ load represents 1TTL unit load of 1.6mA and the 5.6KΩ pull-up resistor.
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com