Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN136 Datasheet(PDF) 4 Page - Solid State Optronic

Part # SDN136
Description  Analog High Speed Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN136 Datasheet(HTML) 4 Page - Solid State Optronic

  SDN136 Datasheet HTML 1Page - Solid State Optronic SDN136 Datasheet HTML 2Page - Solid State Optronic SDN136 Datasheet HTML 3Page - Solid State Optronic SDN136 Datasheet HTML 4Page - Solid State Optronic SDN136 Datasheet HTML 5Page - Solid State Optronic SDN136 Datasheet HTML 6Page - Solid State Optronic SDN136 Datasheet HTML 7Page - Solid State Optronic SDN136 Datasheet HTML 8Page - Solid State Optronic SDN136 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page # 4
SDN136/H/S/TR
Rev 1.10 (08/09/2012)
001511
SDN136
Analog High Speed Optocoupler
1MBd, Photodiode with Transistor Output
Figure 7: Current Transfer Ratio (CTR) vs. Temperature (°C)
Figure 8: Small Signal Current Transfer Ratio (
) vs.
Quiescent Input Current (IF) [RL = 100)
Figure 4: Input Current (IF) vs. Forward Voltage (VF)
Figure 5: Logic High Output Current (IOH) vs. Temperature (°C)
Figure 6: Current Transfer Ratio (CTR) vs. Input Current (IF)
Figure 3: Output Current (IO) vs. Output Voltage (VO)
SDN136 Performance & Characteristics Plots, TA = 25°C, VCC=5V (unless otherwise specified)
IO
IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com