Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN137 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SDN137
Description  Digital High Speed Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN137 Datasheet(HTML) 2 Page - Solid State Optronic

  SDN137 Datasheet HTML 1Page - Solid State Optronic SDN137 Datasheet HTML 2Page - Solid State Optronic SDN137 Datasheet HTML 3Page - Solid State Optronic SDN137 Datasheet HTML 4Page - Solid State Optronic SDN137 Datasheet HTML 5Page - Solid State Optronic SDN137 Datasheet HTML 6Page - Solid State Optronic SDN137 Datasheet HTML 7Page - Solid State Optronic SDN137 Datasheet HTML 8Page - Solid State Optronic SDN137 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page # 2
SDN137/H/S/TR
Rev 1.10 (08/09/2012)
001512
SDN137
Digital High Speed Optocoupler
10MBd, Logic Output
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
Input Forward Voltage
VF
-
1.36
1.70
V
IF = 10mA
Input Forward Voltage Temp Coefficient
VF/T
-
-1.5
-
mV/°C
IF = 10mA
Input Reverse Voltage
BVR
5
-
-
V
IR = 10A
Input Threshold Current
ITH
-
1.1
5
mA
VE=2V, VCC=5.5V, IOL(sinking)=13mA
Input Capacitance
CIN
-
34
-
pF
f=1MHz, VF=0V
Output Specifications, V
CC = 5V (unless otherwise specified)
High Level Supply Current
ICCH
-
7.4
10
mA
VE=0.5V, VCC=5.5V, IF=0mA
Low Level Supply Current
ICCL
-
10
13
mA
VE=0.5V, VCC=5.5V, IF=10mA
High Level Enable Current
IEH
-
-0.6
-1.6
mA
VE=2V
Low Level Enable Current
IEL
-
-0.9
-1.6
mA
VE=0.5V
High Level Enable Voltage
VEH
2
-
-
V
Low Level Enable Voltage
VEL
-
-
0.8
High Level Output Current
IOH
-
-
100
A
VE=2V, VCC=5.5V, VO=5.5V, IF=250A
Low Level Output Voltage
VOL
-
0.28
0.60
V
VE=2V, VCC=5.5V, IF=5mA
IOL(sinking)=13mA
Switching Specifications, V
CC = 5V, IF=7.5mA (unless otherwise specified)
Propagation Delay Time to
Low Output Level
tPHL
25
35
100
nS
RL=350, CL=15pF
Propagation Delay Time to
High Output Level
tPLH
25
45
100
nS
RL=350, CL=15pF
Pulse Width Distortion
| tPLH - tPHL |
-
10
35
nS
RL=350, CL=15pF
Propagation Delay Skew
tPSK
-
8
40
nS
RL=350, CL=15pF
Output Rise Time (10% - 90%)
tr
-
20
-
nS
RL=350, CL=15pF
Output Fall Time (90% - 10%)
tf
-
8
-
nS
RL=350, CL=15pF
Propagation Delay Time of enable from VEH
to VEL
tELH
-
22
-
nS
RL=350, CL=15pF, VEL=0V, VEH=3V
Propagation Delay Time of enable from VEL to
VEH
tEHL
-
12
-
nS
RL=350, CL=15pF, VEL=0V, VEH=3V
Logic High Common Mode Transient
Immunity
|CMH|
5,000
-
-
V/
S
|VCM|=20V, VCC=5V, IF=0mA, VO (MIN)=2V,
RL=350
Logic Low Common Mode Transient
Immunity
|CML|
5,000
-
-
V/
S
|VCM|=20V, VCC=5V, IF=7.5mA, VO (MIN)=0V,
RL=350
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com