Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN137 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SDN137
Description  Digital High Speed Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDN137 Datasheet(HTML) 3 Page - Solid State Optronic

  SDN137 Datasheet HTML 1Page - Solid State Optronic SDN137 Datasheet HTML 2Page - Solid State Optronic SDN137 Datasheet HTML 3Page - Solid State Optronic SDN137 Datasheet HTML 4Page - Solid State Optronic SDN137 Datasheet HTML 5Page - Solid State Optronic SDN137 Datasheet HTML 6Page - Solid State Optronic SDN137 Datasheet HTML 7Page - Solid State Optronic SDN137 Datasheet HTML 8Page - Solid State Optronic SDN137 Datasheet HTML 9Page - Solid State Optronic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page # 3
SDN137/H/S/TR
Rev 1.10 (08/09/2012)
001512
SDN137
Digital High Speed Optocoupler
10MBd, Logic Output
Electrical Characteristics, continued… TA = 25°C (unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Isolation Specifications
Input-Output Insulation Leakage Current
II-O
-
-
1.0
μA
45% RH, t=5s, VI-O=3kV
Withstand Insulation Test Voltage
VISO
5000
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Input-Output Capacitance
CI-O
-
1.0
-
pF
f=1MHz
Notes
1.
A 0.1
F or bigger bypass capacitor for VCC is needed as shown in Figure 1
2.
Peaking driving circuit may be used to speed up the LED. The peak drive current of LED may go up to 50mA and maximum pulse width
50ns, as long as average current doesn’t exceed 20mA.
3.
tPLH (propagation delay) is measured from the 3.75 mA point on the falling edge of the input pulse to the 1.5 V point on the rising edge of
the output pulse.
4.
tPHL (propagation delay) is measured from the 3.75 mA point on the rising edge of the input pulse to the 1.5 V point on the falling edge of
the output pulse.
5.
The tELH enable propagation delay is measured from the 1.5 V point on the falling edge of the enable input pulse to the 1.5 V point on the
rising edge of the output pulse.
6.
The tEHL enable propagation delay is measured from the 1.5 V point on the rising edge of the enable input pulse to the 1.5 V point on the
falling edge of the output pulse.
7.
CMH is the maximum tolerable rate of rise of the common mode voltage to assure that the output will remain in a high logic state (i.e., VO
> 2.0 V).
8.
CML is the maximum tolerable rate of fall of the common mode voltage to assure that the output will remain in a low logic state (i.e., VO <
0.8 V).
9.
No external pull up is required for a high logic state on the enable input. If the enable pin is not used, tying it to VCC.
10. Device is considered a two-terminal device: pins 1, 2, 3, and 4 shorted together, and pins 5, 6, 7, and 8 shorted together.
11. In accordance with UL1577, each optocoupler is proof tested by applying an insulation test voltage 3000 VRMS for one second (leakage
current less than 5
A). This test is performed before the 100% production test for partial discharge
12. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage 6000 VRMS for one second (leakage
current less than 5
A). This test is performed before the 100% production test for partial discharge
Recommended Operating Conditions, TA = 25°C (unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Operating Temperature
°C
-40
-
85
°C
Supply Voltage
VCC
4.5
-
5.5
V
Low Level Input Current
IFL
0
-
250
A
High Level Input Current
IFH
5
-
15
mA
Low Level Enable Voltage
VEL
0
-
0.8
V
High Level Enable Voltage
VEH
2
-
VCC
V
Output Pull Up Resistor
RL
330
-
4k
Fan Out
N
-
-
5
-
RL = 1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com