Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC810 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SLC810
Description  Linear Optocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SLC810 Datasheet(HTML) 2 Page - Solid State Optronic

  SLC810 Datasheet HTML 1Page - Solid State Optronic SLC810 Datasheet HTML 2Page - Solid State Optronic SLC810 Datasheet HTML 3Page - Solid State Optronic SLC810 Datasheet HTML 4Page - Solid State Optronic SLC810 Datasheet HTML 5Page - Solid State Optronic SLC810 Datasheet HTML 6Page - Solid State Optronic SLC810 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SLC810
Single Channel
Linear Optocoupler
© 2012 Solid State Optronics • San Jośe, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 7
SLC810/S/TR
Rev 2.00 (07/30/2012)
001508
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
6
-
-
V
IR = 10μA
Terminal Capacitance
Ct
-
30
250
pF
V=0, f=1KHz
Reverse Current
IR
-
-
10
A
VR=6V
Coupled Specifications
K1 Servo Gain (I1/IF)
K1
0.001
0.002
0.01
n/a
IF=0.3-1.0mA
K1 Servo Gain (I1/IF)
K1
0.002
0.004
0.01
n/a
IF=1-10mA
K2 Forward Gain (I2/IF)
K2
0.001
0.002
0.01
n/a
IF=0.3-1.0mA
K2 Forward Gain (I2/IF)
K2
0.002
0.004
0.01
n/a
IF=1-10mA
K3 Transfer Gain (K2/K1)
K3
0.85
1.00
1.15
n/a
IF=0.3-10mA
Transfer Gain Linearity
∆K3
-
0.1
-
%
IF=1-10mA
Photo-Conductive Operation
Frequency Response (-3dB)
-
-
140
-
kHz
IF=10mA, ∆V=2V
Phase Response
-
-
-45
-
DEG
f=140kHz
Isolation Specifications
Isolation Voltage
VISO
4000
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com