Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLC810 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SLC810
Description  Linear Optocoupler
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SLC810 Datasheet(HTML) 1 Page - Solid State Optronic

  SLC810 Datasheet HTML 1Page - Solid State Optronic SLC810 Datasheet HTML 2Page - Solid State Optronic SLC810 Datasheet HTML 3Page - Solid State Optronic SLC810 Datasheet HTML 4Page - Solid State Optronic SLC810 Datasheet HTML 5Page - Solid State Optronic SLC810 Datasheet HTML 6Page - Solid State Optronic SLC810 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SLC810
Single Channel
Linear Optocoupler
© 2012 Solid State Optronics • San Jośe, CA
www.ssousa.com • +1.408.293.4600
SLC810/S/TR
Rev 2.00 (07/30/2012)
001508
Page 1 of 7
Description
The SLC810 is a highly advanced linear optocoupler
device. The product takes advantage of tightly matched
transistors used for both a Servo Feedback Loop and a
Forward Output Loop.
The closely matched transistors
provide a high degree of linearity across a wide range of
input signal variation. With a minimum internal isolation
gap exceeding 0.40mm, the SLC810 offers a high isolation
voltage making it an ideal product for transformer
replacement in many medical, industrial and power supply
isolation circuits.
The SLC810 comes standard in a miniature 8 pin DIP
package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Power Supply Feedback
Transformer Replacement
Audio Signal Interface
Digital Telephone Isolation
Medical Sensor Isolation
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..40mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SLC810
8 pin DIP, (50/Tube)
SLC810-S
8 pin SMD, (50/Tube)
SLC810-STR
8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
High Isolation Voltage (4000VRMS)
Low Input Power Consumption
High Servo Linearity Across Temperature
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
4
2
3
1
5
7
6
8
-LED
+ LED
+VCC1
I1
Not Used
Not Used
+VCC2
I2
SLC810


Similar Part No. - SLC810

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SLC810 SOLIDSTATE-SLC810 Datasheet
229Kb / 7P
High Isolation Voltage (4000VRMS)
Rev 2.00
More results

Similar Description - SLC810

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL300 SIEMENS-IL300 Datasheet
134Kb / 8P
LINEAR OPTOCOUPLER
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
Linear Optocoupler
logo
Clare, Inc.
LOC117 CLARE-LOC117 Datasheet
296Kb / 5P
Linear Optocoupler
logo
IXYS Corporation
LOC110 IXYS-LOC110 Datasheet
123Kb / 6P
Single Linear Optocoupler
LOC111 IXYS-LOC111 Datasheet
123Kb / 6P
Linear Optocoupler
LOC112 IXYS-LOC112 Datasheet
123Kb / 6P
Linear Optocoupler
LOC117 IXYS-LOC117 Datasheet
123Kb / 6P
Linear Optocoupler
LOC111-G IXYS-LOC111-G Datasheet
123Kb / 6P
Linear Optocoupler
logo
Solid State Optronic
SLC1610 SSOUSA-SLC1610 Datasheet
194Kb / 7P
Linear Optocoupler
logo
Skyworks Solutions Inc.
OLH7000 SKYWORKS-OLH7000 Datasheet
229Kb / 5P
Hermetic Linear Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com