Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP946 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SP946
Description  Zero-Volt Cross Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SP946 Datasheet(HTML) 2 Page - Solid State Optronic

  SP946 Datasheet HTML 1Page - Solid State Optronic SP946 Datasheet HTML 2Page - Solid State Optronic SP946 Datasheet HTML 3Page - Solid State Optronic SP946 Datasheet HTML 4Page - Solid State Optronic SP946 Datasheet HTML 5Page - Solid State Optronic SP946 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 6
SP946 /H/S/TR
Rev 2.00 (11/25/2013)
001773
SP946
Zero Cross
800V / 1.2A
AC Solid State Relay
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.2
1.5
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Trigger (Must Operate) Current
1
IF
-
3
5
mA
IO = IO(MAX) [Resistive Load]
Junction Capacitance
CJ
-
5
-
pF
IF=0mA
Output Specifications
Blocking Voltage
VB
800
-
-
V
IF = 0mA, IO = 1A
Continuous Load Current
IO(MAX)
-
-
1.2
A
IF = 5mA
Surge Current
I(SURGE)
-
-
10
A
T ≤ 16mS
Holding Current
IHOLD
-
-
10
mA
IF = 5mA
On Voltage
VON
-
-
1.2
V
IF = 5mAV, IO = 1.2A
Voltage Across Load at Turn On
-
-
-
5
V
IF = 5mA
Leakage Current
IOleak
-
100
250
A
IF = 0mA, VO = 250V
Thermal Resistance
-
-
80
-
°C/W
Power Factor
2
-
-
0.3
-
-
Critical Rate of Rise (dV/dt)
3
dV/dt
400
-
-
V/
S
Coupled Specifications
Turn-On Time
TON
-
-
0.5
Cycles
 IF = 5mA
Turn-Off Time
TOFF
-
-
0.5
Cycles
 IF = 5mA
Coupled Capacitance
CCOUPLED
-
2
-
pF
Contact Transient Ratio
-
2,000
7,000
0
V/
S
dV = 50V
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
NOTES
:
1)
Resistive load. For inductive loads, higher drive current is recommended
2)
Snubber circuits may be required for lower power factors
3)
This is for static dV/dt.
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com