Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP946 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SP946
Description  Zero-Volt Cross Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SP946 Datasheet(HTML) 3 Page - Solid State Optronic

  SP946 Datasheet HTML 1Page - Solid State Optronic SP946 Datasheet HTML 2Page - Solid State Optronic SP946 Datasheet HTML 3Page - Solid State Optronic SP946 Datasheet HTML 4Page - Solid State Optronic SP946 Datasheet HTML 5Page - Solid State Optronic SP946 Datasheet HTML 6Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 6
SP946 /H/S/TR
Rev 2.00 (11/25/2013)
001773
SP946
Zero Cross
800V / 1.2A
AC Solid State Relay
SP946 Performance & Characteristics Plots, TA = 25°C (unless otherwise specified)
ZERO-VOLT SWITCHING
This solid state relay has been designed with a driver circuit that controls the operation of two back-to-back silicon controlled rectifiers
(SCRs), each responsible for one half of the AC cycle. If an AC signal is examined, the turn on, turn off and zero-volt switching can be
seen. Figure 3 shows a typical 60 HZ, 120VAC signal with a corresponding relay input signal:
Figure 3 shows the sequence of zero-volt switching operation. At Stage 1, an input signal is applied to the relay. The relay will not turn
on until the threshold voltage of 5V is reached. Once this point is reached (Stage 2), SCR #1 (designated as the SCR which controls
positive AC voltage) turns on. However, SCR #1 only conducts for an instant, as the cycle quickly crosses zero. At this point (Stage 3),
SCR #1 will turn off and SCR #2 (negative AC voltage) turns on. Likewise, at the next zero cross (Stage 4), SCR #2 will turn off and
SCR #1 conducts again. Even though the input signal is terminated at Stage 5, the relay will continue to conduct (typical SCR
behavior) until Stage 6, when SCR #1 crosses zero and ceases to conduct. Please note that turn on can likewise begin on the negative
phase of the AC cycle with a -5V threshold, though only the positive phase is shown here.
Figure 3: Zero-Volt Switching Cycle
5V Threshold
(Zero Cross Voltage)
Input Signal
SCR #1 Turns On when
5V threshold is reached
SCR #1 Turns Off,
SCR #2 Turns On
at Zero Volts
SCR #2 Turns Off,
SCR #1 Turns On
at Zero Volts
SCR #1 and Relay
Turn Off at Zero Volts
5
4
2
6
3
1
Relay Input Signal is
Turned On
Relay Input Signal is
Turned Off
Load Signal
I
F
=5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com