Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3404G-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3404G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3404G-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3404G-P08-R Datasheet HTML 1Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 2Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 3Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 4Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 5Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 6Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3404
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R105-026.E
ABSOLUTE MAXIMUM RATINGS (TA=25C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+(V+/V-)
36V (or±18)
V
Differential Input Voltage
VI(DIFF)
±36
V
Input Voltage
VIN
-0.3 ~ 36
V
DIP-8
500
SOP-8
300
Power Dissipation
TSSOP8
PD
250
mW
Ambient Operating Temperature
TOPR
-40 ~+85
C
Storage Temperature
TSTG
-40 ~+125
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25C, V+/V- =±15V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
Rs=0Ω
2
5
mV
Input Offset Current
II(OFF)
5
50
nA
Input Bias Current
II(BIAS)
70
200
nA
Large Signal Voltage Gain
GV
RL>2KΩ
88
100
dB
Maximum Output Voltage Swing
VOM
RL=2KΩ
±13
±14
V
Input Common Mode Voltage
Range
VI(CM)
-15 ~+13
V
Common Mode Rejection Ratio
CMR
DC
70
90
dB
Supply Voltage Rejection Ratio
SVR
80
94
dB
Operating Current
ICC
RL=∞
2.0
3.5
mA
Output Source Current
ISOURCE
VIN+=1V,VIN
_=0V
20
30
mA
Output Sink Current
IO(SINK)
VIN+=0V,VIN
_=1V
10
20
mA
Slew Rate
SR
1.2
V/μs
Unity Gain Bandwidth
fT
1.2
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com