Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3404G-P08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3404G-P08-R
Description  DUAL OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3404G-P08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  3404G-P08-R Datasheet HTML 1Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 2Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 3Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 4Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 5Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 6Page - Unisonic Technologies 3404G-P08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3404
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R105-026.E
TYPICAL CHARACTERISTICS
70
60
50
40
30
20
10
0
Frequency, f (Hz)
100
1M
1K
10K
100K
Voltage Gain vs. Frequency
5
4
3
2
1
-2
-
1
0
Load Resistance, RL (Ω)
10
100k
100
1K
10K
Maximum Output Voltage Swing vs.
Load Resistance
-50
0
0
100
Operating Current vs.
Temperature
25
-25
50
75
1.0
2.0
2
0
-2
-4
-50
125
-25
25
50
Input Offset Voltage vs. Temperature
75
100
0
4
60
40
2
0
0
-50
125
-25
25
50
Input Bias Current vs. Temperature
75
100
0
8
0
+VOM
-VOM
V+/V- = ±15V,RL=2kΩ
Gain=40dB,Ta=25°С
V+=5V,Ta=25°С
V+/V-=±15V, RL =
V+/V-= ±15V
V+/V-= ±15V
Ambient Temperature, Ta (°С)
Ambient Temperature, Ta (°С)
Ambient Temperature, Ta (°С)
125
Output Source Current vs. Temperature
70
60
50
40
30
20
10
0
-50
-25
25
50
Ambient Temperature, Ta (°С)
75
100
0
80
90
V+/V-= ±15V
∞



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com