Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3541G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3541G-S08-R
Description  CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3541G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3541G-S08-R Datasheet HTML 1Page - Unisonic Technologies 3541G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3541G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3541G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3541G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3541G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO.,
3541
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co.,
QW-R502-035.D
CLASS AB STEREO
HEADPHONE DRIVER WITH
MUTE
DESCRIPTION
The UTC 3541 is a class AB stereo headphone driver with Mute
feature.
FEATURES
* Built-in Mute Function
* No Switch ON/OFF pops
* Short-Circuit Protection
* Low Power Consumption
* Large Output Voltage Swing
* High Signal-to-Noise Ratio
DIP-8
SOP-8
■
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
3541L-D08-T
3541G-D08-T
DIP-8
Tube
-
3541G-S08-R
SOP-8
Tape Reel
MARKING
DIP-8
SOP-8
UTC
3541
2
3
4
1
5
6
7
8
Date Code
L: Lead Free
G: Halogen Free
Lot Code


Similar Part No. - 3541G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3541G-S08-R UTC-3541G-S08-R Datasheet
168Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541G-S08-R UTC-3541G-S08-R Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results

Similar Description - 3541G-S08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
Class AB stereo headphone driver
August 1994
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
Class AB Stereo Headphone Driver with Mute
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
Class AB Stereo Headphone Driver
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_09 Datasheet
168Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_12 Datasheet
201Kb / 6P
CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
Class AB Stereo Headphone Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com