Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4533G-R10-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # A4533G-R10-R
Description  LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A4533G-R10-R Datasheet(HTML) 1 Page - Unisonic Technologies

  A4533G-R10-R Datasheet HTML 1Page - Unisonic Technologies A4533G-R10-R Datasheet HTML 2Page - Unisonic Technologies A4533G-R10-R Datasheet HTML 3Page - Unisonic Technologies A4533G-R10-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
A4533
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., LTD
QW-R107-044.C
LOW POWER AMPLIFIER FOR
HEADPHONE STEREOS
FEATURES
* Low current consumption.
* 16Ω load drive capability.
* Excellent reduced voltage characteristics.
* High power supply ripple rejection.
* Fewer external components required.
* High voltage gain.
* Less harmonic interference in radio band.
* Built in power switch and muting function.
MSOP-10
SSOP-10
ORDERING INFORMATION
Order Number
Package
Packing
A4533G-SM2-R
MSOP-10
Tape Reel
A4533G-SM2-T
MSOP-10
Tube
A4533G-R10-R
SSOP-10
Tape Reel
A4533G-R10-T
SSOP-10
Tube
MARKING


Similar Part No. - A4533G-R10-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533 UTC-A4533 Datasheet
145Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533-R10-R UTC-A4533-R10-R Datasheet
112Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533-R10-R UTC-A4533-R10-R Datasheet
145Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
A4533-R10-T UTC-A4533-R10-T Datasheet
112Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results

Similar Description - A4533G-R10-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
Power Amplifier for 3V Headphone Stereos
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
Power Amplifier for 1.5V Headphone Stereos?
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
Unisonic Technologies
A4533 UTC-A4533_10 Datasheet
145Kb / 4P
LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
Power Amplifier For 1.5V Headphone Stereos
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com