Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM321G-AE5-R
Description  LOW POWER SINGLE OP AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM321G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM321G-AE5-R Datasheet HTML 1Page - Unisonic Technologies LM321G-AE5-R Datasheet HTML 2Page - Unisonic Technologies LM321G-AE5-R Datasheet HTML 3Page - Unisonic Technologies LM321G-AE5-R Datasheet HTML 4Page - Unisonic Technologies LM321G-AE5-R Datasheet HTML 5Page - Unisonic Technologies LM321G-AE5-R Datasheet HTML 6Page - Unisonic Technologies LM321G-AE5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM321
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R104-007.b
LOW POWER SINGLE OP AMP
DESCRIPTION
The UTC LM321’s quiescent current is only 430µA (5V). The
UTC LM321 brings performance and economy to low power
systems, With a high unity gain frequency and a specified 0.4V/µs
slew rate. The input common mode range includes ground and
therefore the device is able to operate in single supply
applications as well as in dual supply applications. It is also
capable of comfortably driving large capacitive loads.
FEATURES
* Low supply current 430µA
* VCC=5V, TA=25°C. Typical values unless specified.
* Gain-Bandwidth product 1MHz
* Low input bias current 45nA
* Wide supply voltage range +3V~+32V
* Stable with high capacitive loads
ORDERING INFORMATION
Ordering Number
Package
Packing
LM321G- AE5-R
SOT-23-5
Tape Reel
MARKING


Similar Part No. - LM321G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM321G-AE5-R UTC-LM321G-AE5-R Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
More results

Similar Description - LM321G-AE5-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321 NSC-LM321 Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
AUK corp
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
KODENSHI_AUK CORP.
SN321 KODENSHI-SN321 Datasheet
319Kb / 7P
Low Power Single OP-AMP
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
Unisonic Technologies
LM321 UTC-LM321_17 Datasheet
227Kb / 7P
LOW POWER SINGLE OP AMP
logo
Shanghai Consonance Ele...
CN958 CONSONANCE-CN958 Datasheet
190Kb / 7P
Low-Power, Single-Supply Op Amp Reference
logo
SHOUDING Shouding Semic...
SD321 SHOUDING-SD321 Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
logo
New Japan Radio
NJM320A NJRC-NJM320A Datasheet
751Kb / 11P
Low power single channel OP-Amp
Ver.01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com