Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV324G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LV324G-S14-R
Description  OUTPUT OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV324G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  LV324G-S14-R Datasheet HTML 1Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 2Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 3Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 4Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 5Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LV324
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-A08.b
ABSOLUTE MAXIMUM RATING (Note)
PARAMETER
SYMBOL
RATINGS
UNIT
Differential Input Voltage
VIDM
±Supply Voltage
V
Supply Voltage (V
+-V-)
V
+-V-
5.5
V
Output Short Current to V
+
IO(SC)
Note 1
A
Output Short Current to V
-
IO(SC)
Note 2
A
Infrared or Convection (20sec)
235
°C
Operating Ratings
Supply Voltage
V
+-V-
2.7 ~ 5.5
V
Temperature Range
TA
-40 ~ +85
°C
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-65 ~ 150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Shorting output to V
+ will adversely affect reliability.
3. Shorting output to V
- will adversely affect reliability.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
145
C/W
Thermal Resistance (Note)
TSSOP-14
θJA
155
C/W
Note: All numbers are typical, and apply for packages soldered directly onto a PC board in still air.
2.7V ELECTRICAL CHARACTERISTICS
All limits guaranteed for TJ=25°C, V
+=2.7V, V-=0V, VCM=1.0V, VOUT=V+/2 and RL>1MΩ, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNIT
DC CHARACTERISTICS
Input Offset Voltage
VOS
1.7
7
mV
Input Offset Voltage Average Drift
TCVOS
5
μV/°C
Input Bias Current
IB
11
250
nA
Input Offset Current
IOS
5
50
nA
Common Mode Rejection Ratio
CMRR 0V≤VCM≤1.7V
50
63
dB
Power Supply Rejection Ratio
PSRR 2.7V≤V
+≤5V, VO=1V
50
60
dB
0
-0.2
V
Input Common-Mode Voltage Range
VCM
For CMRR≥50dB
1.9
1.7
V
V
+-100 V+-10
mV
Output Swing
VOUT
RL=10kΩ to 1.35V
60
180
mV
Supply Current
IS
All four amplifiers
260
680
μA
AC CHARACTERISTICS
Gain-Bandwidth Product
GBWP CL=200pF
1
MHZ
Phase Margin
φm
60
Deg
Gain Margin
Gm
10
dB
Input-Referred Voltage Noise
en
f=1kHZ
46
nV/√HZ
Input-Referred Current Noise
in
f=1kHZ
0.17
pA/√HZ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com