Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV324G-S14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LV324G-S14-R
Description  OUTPUT OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV324G-S14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LV324G-S14-R Datasheet HTML 1Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 2Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 3Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 4Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 5Page - Unisonic Technologies LV324G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LV324
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-A08.b
5V ELECTRICAL CHARACTERISTICS(Cont.)
All limits guaranteed for TJ=25°C, V
+=5V, V-=0V, VCM=2.0V, VO=V+/2 and RL>1MΩ, unless otherwise specified.
Boldface limits apply at the temperature extremes.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
(Note 5)
MAX
(Note 6)
UNIT
DC CHARACTERISTICS
1.7
7
mV
Input Offset Voltage
VOS
9
mV
Input Offset Voltage Average Drift
TCVOS
5
μV/°C
11
250
nA
Input Bias Current
IB
500
nA
5
50
nA
Input Offset Current
IOS
150
nA
Common Mode Rejection Ratio
CMRR 0V≤VCM≤4V
50
65
dB
Power Supply Rejection Ratio
PSRR 2.7V≤V
+≤5V, VO=1V, VCM=1V
50
60
dB
0
-0.2
V
Input Common-Mode Voltage Range
VCM
For CMRR≥50dB
4.2
4
V
15
100
V/mV
Large Signal Voltage Gain (Note 7)
AV
10
V/mV
V
+-300 V+-40
mV
V
+-400
mV
120
300
mV
RL=2kΩ to 2.5V
400
mV
V
+-100 V+-10
mV
V
+-200
mV
65
180
mV
Output Swing
VO
RL=10kΩ to 2.5V
280
mV
Sourching, VO=0V
5
60
mA
Output Short Circuit Current
IO
Sourching, VO=5V
10
160
mA
410
830
μA
Supply Current
IS
All four amplifiers
1160
μA
AC CHARACTERISTICS
Slew Rate
SR
(Note 8)
1
V/μs
Gain-Bandwidth Product
GBWP CL=200pF
1
MHZ
Phase Margin
φm
60
Deg
Gain Margin
Gm
10
dB
Input-Referred Voltage Noise
en
f=1kHZ
39
nV/√HZ
Input-Referred Current Noise
in
f=1kHZ
0.21
pA/√HZ
Notes: 4. The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at
any ambient temperature is PD=(TJ(MAX)-TA)/ θJA. All numbers apply for packages soldered directly onto a
PC Board.
5. Typical values represent the most likely parametric norm as determined at the time of characterization.
Actual typical values may vary over time and will also depend on the application and configuration. The
typical values are not tested and are not guaranteed on shipped production material.
6. All limits are guaranteed by testing or statistical analysis.
7. RL is connected to V
-. The output voltage is 0.5V≤VO≤4.5V.
8. Connected as voltage follower with 3V step input. Number specified is the slower of the positive and
negative slew rates.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com