Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV358G-P08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # LV358G-P08-R
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV358G-P08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button LV358G-P08-R Datasheet HTML 3Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 4Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 5Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 6Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 7Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 8Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 9Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 10Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LV358
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R502-316.D
TYPICAL CHARACTERISTICS(Cont.)
Stability vs Capacitive Load
Output Voltage, VOUT (V)
-2 -1.5 -1 -0.5 0
0.5
1
1.5
10
100
1000
10000
Stability vs Capacitive Load
Output Voltage,VOUT (V)
10
100
1000
10000
2
VSS = ±2.5V
25% Overshoot
AV = +10
RL = 2kΩ
VOUT = 100mVPP
VSS = ±2.5V
25% Overshoot
AV = +10
RL = 1MΩ
VOUT = 100mVPP
-2 -1.5 -1 -0.5 0
0.5
1
1.5
2
200
140
60
40
0
-40
040
80
100
Short Circuit Current vs Temperature
(Sinking)
Temperature (°С)
160
VSS = 5V
180
120
80
20
-20
60
20
VSS = 2.7V
240
180
60
0
-40
0
40
80
120
Short Circuit Current vs Temperature
(Sourcing)
Temperature (°С)
210
150
90
30
-20
60
20
VSS = 2.7V
VSS = 5V
1.5
0.5
2.5
5.0
Slew Rate vs Supply Voltage
Supply Voltage (V)
1.4
1.2
0.8
0.7
1.1
0.9
0.6
3.0
4.0
1.3
1.0
Vs=+5V, RL=10kΩ,
AV=+1, VIN=1Vpp,
single supply, TA=25°С
Rising Edge
Failing Edge
3.5
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com