Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV358G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LV358G-P08-R
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV358G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LV358G-P08-R Datasheet HTML 1Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 2Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 3Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 4Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 5Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 6Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 7Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 8Page - Unisonic Technologies LV358G-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LV358
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-316.D
GENERAL PURPOSE, LOW
VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL
AMPLIFIERS
DESCRIPTION
The UTC LV358 is a dual op amp with low supply current and low
voltage (2.7-5.5V). It brings nice performance to low voltage and low
power systems. With a 1MHz unity-gain frequency. The UTC LV358
has a guaranteed 1 V/µs slew rate and low supply current. It
provides heavy rail-to-rail (R-to-R) output swing loads and the input
common-mode voltage range including ground. Besides, it is also
capable for comfortably driving large capacitive loads.
The UTC LV358 has bipolar input and CMOS output for
improved noise performance and higher output current drive. It’s the
most cost effective solution for the applications where low voltage
operation, space saving and low price are required.
FEATURES
* 2.7V and 5V Performance Guaranteed
* No Crossover Distortion
* 210µA Low Supply Current
* Rail-to-Rail Output Swing
@10kΩ Load V
+ -10mV
V
-+65mV
* VCM From -0.2V to V+ -0.8V
ORDERING INFORMATION
Ordering Number
Package
Packing
LV358G-S08-R
SOP-8
Tape Reel
LV358G-SM1-R
MSOP-8
Tape Reel
LV358G-P08-R
TSSOP-8
Tape Reel
LV358G-K08-2030-R
DFN-8(2×3)
Tape Reel


Similar Part No. - LV358G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV358G-P08-R UTC-LV358G-P08-R Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358G-P08-R UTC-LV358G-P08-R Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LV358G-P08-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
Aug-1999
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
Dec-2004
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
Output Rail-to-Rail Operational Amplifiers
Mar-2005
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
Output rail-to-rail micropower operational amplifiers
05-Mar-2009
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
Output rail-to-rail operational amplifiers
02-Apr-2009
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com