Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2110G-P08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # M2110G-P08-R
Description  MONAURAL MIC AMP. FOR VIDEO CAMERA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2110G-P08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  M2110G-P08-R Datasheet HTML 1Page - Unisonic Technologies M2110G-P08-R Datasheet HTML 2Page - Unisonic Technologies M2110G-P08-R Datasheet HTML 3Page - Unisonic Technologies M2110G-P08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M2110
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R105-027.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
TSSOP-8
250
mW
Power Dissipation
SOP-8
PD
300
mW
Operating Temperature
TOPR
-20 ~+75
C
Storage Temperature
TSTG
-40 ~+125
C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (V+= 5V, TA=25°C, unless otherwise specified))
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Current 1
ICC 1
3.5
4.5
mA
Operating Current 2
ICC 2
V
+= 3.3V
1.1
2.0
mA
Transfer Gain
Gv
f=1KHz
27
28
29
dB
Total Harmonic Distortion
THD
Vo=300mVrms, RL=10kΩ,
f=1KHz
0.05
0.2
%
Maximum Output Voltage
VO(MAX)
V
+= 2.7V, RL=10kΩ,
f=1kHz,THD=1%
2.0
2.5
Vp-p
Output Noise Voltage
eN
Rg=1kΩ, C=0.1μF, A-Weight
30
42
μVrms
Input Resistance Gain
ZIN
f=1kHz
110
kΩ
Output Resistance
ZOUT
f=1kHz
10
Ω
MIC Output Supply Voltage 1
MICo 1
2.0
2.35
2.7
V
MIC Output Supply Voltage 2
MICo 2
V
+= 2.7V
2.0
2.25
2.5
V
External Output Supply Voltage
EXTOUT
Io=25mA
4.0
V
Output Short Circuit Current
IO(SC)
EXTOUT =0V
30
mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com