Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2110G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2110G-P08-R
Description  MONAURAL MIC AMP. FOR VIDEO CAMERA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2110G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2110G-P08-R Datasheet HTML 1Page - Unisonic Technologies M2110G-P08-R Datasheet HTML 2Page - Unisonic Technologies M2110G-P08-R Datasheet HTML 3Page - Unisonic Technologies M2110G-P08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2110
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 2
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-027.C
MONAURAL MIC AMP. FOR
VIDEO CAMERA
DESCRIPTION
The UTC M2110 is a monaural microphone amplifier. It’s
used for video camera which can operate from 2.7V.
For the performance is small package and low operating
current. So it is easy to design the downsizing and low
consumption.
FEATURES
*Operating voltage: 2.7V~5.3V
*Low operating current: V+=5V, 3.5mA (Typ,)
V+=3.3V, 1.1mA (Typ.)
*Short circuit protection for external MIC.
ORDERING INFORMATION
Ordering Number
Package
Packing
M2110G-S08-R
SOP-8
Tape Reel
M2110G-P08-R
TSSOP-8
Tape Reel
(1) R: Tape Reel
(2) S08: SOP-8, P08: TSSOP-8
(3) G: Halogen Free and Lead Free
M2110G-S08-R
(1) Packing Type
(2) Package Type
(3) Green Package
MARKING
SOP-8
TSSOP-8


Similar Part No. - M2110G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2110 UTC-M2110 Datasheet
93Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
RAF ELECTRONIC HARDWARE
M2110-2545-AL RAF-M2110-2545-AL Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2110-2545-SS RAF-M2110-2545-SS Datasheet
82Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2110-3005-AL RAF-M2110-3005-AL Datasheet
88Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
M2110-3005-SS RAF-M2110-3005-SS Datasheet
88Kb / 1P
4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2110G-P08-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2110 NJRC-NJM2110 Datasheet
120Kb / 3P
MONORAL MIC AMP for VIDEO CAMERA
logo
Toshiba Semiconductor
TA2011S TOSHIBA-TA2011S Datasheet
213Kb / 5P
MIC AMP IC
logo
Sanyo Semicon Device
LA4265 SANYO-LA4265 Datasheet
267Kb / 8P
3.5W Monaural Power Amp
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
Audio/Video Switch for VCR Video Camera Use
logo
Sony Corporation
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
Synchronizing Signal Generator for Video Camera
logo
Rohm
BH6412KN ROHM-BH6412KN Datasheet
201Kb / 6P
Monaural Audio Interface LSI for Digital still camera
logo
Silan Microelectronics ...
SA2011 SILAN-SA2011 Datasheet
81Kb / 3P
MIC AMP IC
logo
Asahi Kasei Microsystem...
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com