Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2136G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2136G-P08-R
Description  HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2136G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2136G-P08-R Datasheet HTML 1Page - Unisonic Technologies M2136G-P08-R Datasheet HTML 2Page - Unisonic Technologies M2136G-P08-R Datasheet HTML 3Page - Unisonic Technologies M2136G-P08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2136
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., LTD
QW-R105-020,Ba
ULTRA WIDE BAND, HIGH SLEW
RATE SINGLE OPERATIONAL
AMPLIFIER
DESCRIPTION
The UTC M2136 is ultra fast single operational amplifiers with low
operating voltage (±1.35V) designed for applications requiring wide
bandwidth and high slew rate.
Because of low operating voltage and low operating current,it is also
apply to portable communication items.
The high speed of this operational amplifier make them useful in high
speed analog and digital signal processor, line driver and active filters,
HDTV, industrial measurement equipment and others.
FEATURES
*Input Offset Voltage Balance
*Operating Voltage: ±1.35V ~ ±6V
*Uitra Wide Band: 200MHz Typ.
*High Slew Rate: 45V/μs Typ.
*Low Operating Current: 0.63mA Typ.
SOP-8
TSSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M2136L-S08-R
M2136G-S08-R
SOP-8
Tape Reel
M2136L-S08-T
M2136G-S08-T
SOP-8
Tube
M2136L-P08-R
M2136G-P08-R
TSSOP-8
Tape Reel


Similar Part No. - M2136G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2136G-P08-R UTC-M2136G-P08-R Datasheet
166Kb / 4P
ULTRA WIDE BAND, HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - M2136G-P08-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE531 PHILIPS-NE531 Datasheet
159Kb / 8P
High slew rate operational amplifier
August 31, 1994
logo
Texas Instruments
TL3472 TI-TL3472 Datasheet
68Kb / 5P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510883 INTERSIL-HA-2510883 Datasheet
141Kb / 7P
High Slew Rate Operational Amplifier
October 26, 2004
HFA-0005 INTERSIL-HFA-0005 Datasheet
759Kb / 10P
High Slew Rate Operational Amplifier
September 1998
logo
National Semiconductor ...
LH4124C NSC-LH4124C Datasheet
117Kb / 4P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
SL541 ZARLINK-SL541 Datasheet
525Kb / 13P
HIGH SLEW RATE OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2510 INTERSIL-HA-2510_06 Datasheet
209Kb / 7P
High Slew Rate Operational Amplifier
January 3, 2006
logo
Texas Instruments
TL3472 TI-TL3472_08 Datasheet
384Kb / 12P
HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472-Q1 TI1-TL3472-Q1 Datasheet
175Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
TL3472QDRQ1 TI-TL3472QDRQ1 Datasheet
161Kb / 8P
HIGH-SLEW-RATE SINGLE-SUPPLY OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com